Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR-M14A2C240MB600N Datasheet(PDF) 5 Page - TDK Electronics

Part # AVR-M14A2C240MB600N
Description  Chip Varistors Countermeasure for surge voltage and static electricity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M14A2C240MB600N Datasheet(HTML) 5 Page - TDK Electronics

  AVR-M14A2C240MB600N Datasheet HTML 1Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 2Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 3Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 4Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 5Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 6Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 7Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 8Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
(4/10)
001-07 / 20110926 / e9c11_avr.fm
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS
: Packaging style(T: Taping/B: Bulk)
TERMINOLOGY
∗1 8/20µs test waveform
∗2 10/1000µs test waveform
Part No.
Varistor voltage
(Breakdown voltage)
V1mA(V)[DC1mA]
Maximum
continuous voltage
(Rated voltage)
Vdc(V)
Clamping
voltage
Vcl(V)
[8/20µs]
Maximum
energy
E(Joule)
[10/1000µs]
Maximum
peak
current Ip(A)
[8/20µs]
Capacitance
C(pF)
[1kHz, 1Vrms]
Packaging
quantities
(Taping)
(pieces/reel)
0603 type
AVRM0603C6R8N
101N
6.8
(4.76 to 8.84) 3.5 max.
14[1A]
0.01 max.
10 max.
100 typ.
15,000
AVRM0603C080M
101N
8
(6.4 to 9.6)
5.5 max.
17[1A]
0.01 max.
4 max.
100 typ.
AVRM0603C120M
101N
12.8
(10 to 15.6)
5.5 max.
20[1A]
0.01 max.
5 max.
100 typ.
AVR-M0603C120M
AAB
12
(9.6 to 14.4)
7.5 max.
23[1A]
0.01 max.
1 max.
33 typ.
1005 type
AVRM1005C6R8N
101N
6.8
(4.76 to 8.84) 3.5 max.
14[1A]
0.02 max.
10 max.
100 typ.
10,000
AVR-M1005C080M
AAB
8
(6.4 to 9.6)
5.5 max.
14[1A]
0.04 max.
25 max.
650 typ.
AVR-M1005C080M
ADB
8
(6.4 to 9.6)
5.5 max.
14[1A]
0.04 max.
25 max.
480 typ.
AVR-M1005C080M
ABB
8
(6.4 to 9.6)
5.5 max.
15[1A]
0.02 max.
3 max.
100 typ.
AVR-M1005C080M
ACB
8
(6.4 to 9.6)
5.5 max.
19[1A]
0.01 max.
1 max.
33 typ.
AVR-M1005C120M
AAB
12
(9.6 to 14.4)
7.5 max.
20[1A]
0.05 max.
10 max.
130 typ.
AVRM1005C270K
101N
27
(24 to 30)
19 max.
55[1A]
0.06 max.
4 max.
100 typ.
AVR-M1005C270M
AAB
27
(21.6 to 32.4) 15 max.
50[1A]
0.06 max.
4 max.
40 typ.
AVR-M1005C270M
ABB
27
(21.6 to 32.4) 15 max.
50[1A]
0.05 max.
1 max.
15 typ.
1608 type
AVR-M1608C080M
AAB
8
(6.4 to 9.6)
5.5 max.
15[2A]
0.09 max.
30 max.
650 typ.
4,000
AVR-M1608C120M
6AB
12
(9.6 to 14.4)
7.5 max.
20[2A]
0.09 max.
50 max.
1050 typ.
AVR-M1608C120M
2AB
12
(9.6 to 14.4)
7.5 max.
20[2A]
0.06 max.
15 max.
400 typ.
AVR-M1608C180M
6AB
18
(14.4 to 21.6) 11 max.
30[2A]
0.1 max.
30 max.
600 typ.
AVR-M1608C220K
6AB
22
(19.8 to 24.2) 16 max.
34[2A]
0.1 max.
30 max.
560 typ.
AVR-M1608C220K
2AB
22
(19.8 to 24.2) 16 max.
37[2A]
0.03 max.
10 max.
210 typ.
AVR-M1608C270K
6AB
27
(24 to 30)
19 max.
42[2A]
0.1 max.
48 max.
430 typ.
AVR-M1608C270K
2AB
27
(24 to 30)
19 max.
42[2A]
0.1 max.
20 max.
160 typ.
AVR-M1608C270K
ACB
27
(24 to 30)
19 max.
54[2A]
0.05 max.
10 max.
60 typ.
AVR-M1608C270M
AAB
27
(21.6 to 32.4) 17 max.
52[2A]
0.05 max.
2 max.
30 typ.
AVR-M1608C270M
ABB
27
(21.6 to 32.4) 17 max.
52[2A]
0.05 max.
2 max.
15 typ.
AVRM1608C390K
271N
39
(35 to 43)
28 max.
69[2A]
0.1 max.
78 max.
270 typ.
2012 type
AVR-M2012C120M
6AB
12
(9.6 to 14.4)
7.5 max.
20[5A]
0.2 max.
60 max.
1000 typ.
2,000
AVR-M2012C220K
6AB
22
(19.8 to 24.2) 16 max.
38[5A]
0.3 max.
100 max.
800 typ.
AVR-M2012C390K
6AB
39
(35 to 43)
28 max.
62[5A]
0.3 max.
100 max.
430 typ.
1410 type
AVR-M14A2C240M
600N
24
(20 to 27)
16 max.
50[1A]
0.01 max.
5 max.
60 typ.[1MHz]
4,000
AVR-M14A2C270M
470N
27
(21.6 to 32.4) 15 max.
54[1A]
0.007 max.
5 max.
47 typ.[1MHz]
AVRM14A2C270M
150N
27
(21.6 to 32.4) 15 max.
55[1A]
0.02 max.
3 max.
15 typ.[1MHz]
AVRM14A2C270M
3R3F
27
(21.6 to 32.4) 10 max.
45[0.2A]
0.002 max.
0.2 max.
3.3 typ.[1MHz]
Item
Unit
Terminology
Varistor voltage
(Breakdown voltage)
V1mA
(V)
Voltage measured across the varistor
when DC1mA is applied.
Maximum continuous
voltage (Rated voltage)
Vdc
(V)
Maximum DC voltage that can be applied
continuously.
Varistor leakage current: 50µA max.
(Within the range of maximum allowable
circuit voltage)
Clamping voltage
Vcl
(V)
Voltage appearing across the varistor
when a pulse current (8/20µs∗1) of
specified peak value is applied.
Maximum energy
E
(Joule)
Maximum energy that can be absorbed
without deteriorating varistor
characteristics when an impulse
(10/1000µs∗2) is applied once.
Maximum peak current
Ip
(A)
Maximum current that can be withstood
without deteriorating varistor
characteristics when an impulse current
(8/20µs∗1) is applied once.
Capacitance
C
(pF)
Capacitance measured at 1kHz
(or 1MHz) of oscillator frequency and
1Vrms of oscillator voltage.
20µs
50%
90%
100%
Time
8µs
1000µs
50%
90%
100%
10µs
Time


Similar Part No. - AVR-M14A2C240MB600N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVR-M14A2C240M TDK-AVR-M14A2C240M Datasheet
240Kb / 12P
   Chip Varistors Countermeasure for surge voltage and static electricity
More results

Similar Description - AVR-M14A2C240MB600N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVRL101A6R8GTA TDK-AVRL101A6R8GTA Datasheet
240Kb / 12P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C080MTAAB TDK-AVR-M1608C080MTAAB Datasheet
235Kb / 11P
   Countermeasure for surge voltage and static electricity
AVRL101A1R1NTB TDK-AVRL101A1R1NTB Datasheet
432Kb / 11P
   Countermeasure for surge voltage and static electricity
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
logo
Vishay Siliconix
2381582X110Y VISHAY-2381582X110Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
logo
TDK Electronics
MPZ1005-E TDK-MPZ1005-E Datasheet
212Kb / 6P
   Chip beads For power line GHz noise countermeasure
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
   Excellent Resistance to damage from static electricity
logo
TDK Electronics
AVR TDK-AVR Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
MPZ1005-V TDK-MPZ1005-V Datasheet
174Kb / 4P
   Chip beads For power line High GHz noise countermeasure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com