Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCG103JF103F Datasheet(PDF) 4 Page - TDK Electronics

Part # NTCG103JF103F
Description  NTC Thermistors SMD NTCG series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG103JF103F Datasheet(HTML) 4 Page - TDK Electronics

  NTCG103JF103F Datasheet HTML 1Page - TDK Electronics NTCG103JF103F Datasheet HTML 2Page - TDK Electronics NTCG103JF103F Datasheet HTML 3Page - TDK Electronics NTCG103JF103F Datasheet HTML 4Page - TDK Electronics NTCG103JF103F Datasheet HTML 5Page - TDK Electronics NTCG103JF103F Datasheet HTML 6Page - TDK Electronics NTCG103JF103F Datasheet HTML 7Page - TDK Electronics NTCG103JF103F Datasheet HTML 8Page - TDK Electronics NTCG103JF103F Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
(3/13)
010-01 / 20090528 / eb221_ntcg.fm
• All specifications are subject to change without notice.
RESISTANCE VALUE RANGE
TYPICAL USED SET AND TDK PRODUCT NAMES
LIST OF SERIES BY TYPE
The B constant indicates the magnitude of a change in a zero-load resistance value to a temperature, and is obtained based on arbitrary
two temperatures in resistance-to-temperature characteristics.
B constant calculation formula
B: B Constant (K)
T1: Arbitrary temperature (K)
T2: Arbitrary temperature different from T1 (K)
R1: Zero-load resistance value at temperature T1(
Ω)
R2: Zero-load resistance value at temperature T2(
Ω)
Each temperature is measured in absolute temperature. 0°C=273.15K
Used set
Applied circuit
Resistance
(R25)
B constant
(B25/85)
TDK recommended
part number
Mobile
communication
devices
TCXO(Temperature
compensated crystal
oscillator)
Low-temperature area compensated circuit
30
Ω to 100Ω
3250K(2800K)
NTCG103EH400H
High-temperature area compensated circuit
1.0k
Ω to 3.0kΩ
4100K to 4500K
NTCG104BH102H
Power amplifier module
Power amplifier temperature compensated circuit
30
Ω to 10kΩ
3250K to 4500K
NTCG104KH202J
LCD
LCD temperature compensated circuit
22k
Ω to 1MΩ
4550K to 4750K
NTCG104LH473J
Temperature monitor
Various-circuit temperature compensated circuit
10k
Ω to 470kΩ
4100K to 4750K
NTCG104BH103J
Battery pack
Battery temperature monitor and charging control
circuit
10k
Ω to 100kΩ
3435K to 4550K
NTCG103JF103F
Computer devices
CPU
CPU temperature monitor
10k
Ω to 1MΩ
3435K to 4550K
NTCG103JF103F
LCD
LCD temperature compensated circuit
22k
Ω to 1MΩ
4550K to 4750K
NTCG104LH473J
HDD
Pickup temperature compensated circuit
10k
Ω to 100kΩ
3435K to 4550K
NTCG103JF103F
NTCG104EF104F
ODD
CD or DVD write current compensated circuit
10k
Ω to 100kΩ
3435K to 4550K
NTCG103JF103F
NTCG104EF104F
Battery pack
Battery temperature monitor and charging control
circuit
10k
Ω to 100kΩ
3435K to 4550K
NTCG103JF103F
DVC, DSC
Auto focus
Driving circuit temperature compensated circuit
1.0k
Ω to 15kΩ
3435K to 4100K
NTCG104BH103J
Iris stop
Hole element temperature compensated circuit
10k
Ω to 100kΩ
3435K to 4550K
NTCG104LH473J
Battery pack
Battery temperature monitor and charging control
circuit
10k
Ω to 100kΩ
3435K to 4550K
NTCG103JF103F
Car audio unit
Car CD or MD
Laser pickup temperature compensated circuit
22k
Ω to 150kΩ
4550K
NTCG104LH473J
Optical transmission
system
Laser transmitter or receiver temperature compensated
circuit
1.0k
Ω to 150kΩ 4100K to 4550K
NTCG104LH154J
Printer
Ink viscosity controller
10k
Ω to 47kΩ
3435K to 4550K
NTCG104LH473H
Type
10
Ω
100
Ω
1k
Ω
10k
Ω
100k
Ω
1M
Ω
Resistance
0603
1005
1608
2012
1M
Ω
1M
Ω
1M
Ω
150k
Ω
30
Ω
30
Ω
30
Ω
470
Ω
Type
B constant(K)
Nominal resistance(
Ω) [at 25˚C]
10
Ω
1.0k
Ω
1.0k
Ω
4.7k
Ω
10k
Ω
47k
Ω
100k
Ω
150k
Ω
33k
Ω
15k
Ω
3.3k
Ω
1.5k
Ω
470
Ω
3.0k
Ω
15k
Ω
1M
Ω
150k
Ω
3.0k
Ω
10k
Ω
100
Ω
1k
Ω
10k
Ω
100k
Ω
1M
Ω
0603
1005
1608
2800K
3250K
3435K
3650K
4100K
4100K
4550K
4750K
4500K
2012
3250K
3100K
3300K
3450K
3650K
3850K
4000K
4150K
150
Ω
3.3k
Ω
22k
Ω
220k
Ω
2.0k
Ω
680
Ω
6.8k
Ω
68k
Ω
22k
Ω
B constant is calculated from the resistance at 25˚C and 85˚C
30
Ω
2.2k
Ω
(0603 type: 33k
Ω min.)
680
Ω
220
Ω
100
Ω
InR1InR2
(1/T1)(1/T2)
B=


Similar Part No. - NTCG103JF103F

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG103JF103F TDK-NTCG103JF103F Datasheet
370Kb / 27P
   NTC Thermistors
NTCG103JF103FT1 TDK-NTCG103JF103FT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103JF103FT1S TDK-NTCG103JF103FT1S Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103JF103FTDS TDK-NTCG103JF103FTDS Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
More results

Similar Description - NTCG103JF103F

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG104BH103HT1 TDK-NTCG104BH103HT1 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG104KF104FT1 TDK-NTCG104KF104FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
NTCG163JF103FT1 TDK-NTCG163JF103FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com