Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCG104BH222 Datasheet(PDF) 7 Page - TDK Electronics

Part # NTCG104BH222
Description  NTC Thermistors SMD NTCG series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG104BH222 Datasheet(HTML) 7 Page - TDK Electronics

Back Button NTCG104BH222 Datasheet HTML 3Page - TDK Electronics NTCG104BH222 Datasheet HTML 4Page - TDK Electronics NTCG104BH222 Datasheet HTML 5Page - TDK Electronics NTCG104BH222 Datasheet HTML 6Page - TDK Electronics NTCG104BH222 Datasheet HTML 7Page - TDK Electronics NTCG104BH222 Datasheet HTML 8Page - TDK Electronics NTCG104BH222 Datasheet HTML 9Page - TDK Electronics NTCG104BH222 Datasheet HTML 10Page - TDK Electronics NTCG104BH222 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
(6/13)
010-01 / 20090528 / eb221_ntcg.fm
• All specifications are subject to change without notice.
1005 TYPE
ELECTRICAL CHARACTERISTICS
• Resistance-temperature group A, C: Capacitance 3pF max.[25°C, 10 to 40MHz, 0.1Vrms]
Resistance-temperature
group
Part No.
Nominal resistance value
[25°C]
B constant
Operating temperature
range
[25/85°C]
[25/50°C]
A
NTCG103EH300
30
Ω
3250K±3%
(3244K)
–40 to +125°C
NTCG103EH400
40
Ω
3250K±3%
(3244K)
NTCG103EH101
100
Ω
3250K±3%
(3244K)
C
NTCG104BH102
1.0k
Ω
4100K±3%
(4096K)
–40 to +125°C
NTCG104BH152
1.5k
Ω
4100K±3%
(4096K)
NTCG104BH222
2.2k
Ω
4100K±3%
(4096K)
E
NTCG104BH472
4.7k
Ω
4100K±3%
(4067K)
–40 to +125°C
NTCG104BH682
6.8k
Ω
4100K±3%
(4067K)
NTCG104BH103
10k
Ω
4100K±3%
(4067K)
F
NTCG104LH223
22k
Ω
4550K±3%
(4485K)
–40 to +125°C
NTCG104LH333
33k
Ω
4550K±3%
(4485K)
NTCG104LH473
47k
Ω
4550K±3%
(4485K)
NTCG104LH683
68k
Ω
4550K±3%
(4485K)
NTCG104LH104
100k
Ω
4550K±3%
(4485K)
NTCG104LH154
150k
Ω
4550K±3%
(4485K)
G
NTCG104QH224
220k
Ω
4750K±3%
(4661K)
–40 to +125°C
NTCG104QH334
330k
Ω
4750K±3%
(4661K)
NTCG104QH474
470k
Ω
4750K±3%
(4661K)
NTCG104QH105
1.0M
Ω
4750K±3%
(4661K)
H
NTCG103JH103
10k
Ω
3435K±3%
(3380K)
–40 to +125°C
J
NTCG104BF473
47k
Ω
(4150K)
4085K±1%
–40 to +125°C
NTCG104BF683
68k
Ω
(4150K)
4085K±1%
K
NTCG104EH104
100k
Ω
(4308K)
4250K±3%
–40 to +125°C
U
NTCG103UH103J
10k
Ω
3950K±3%
(3900K)
–40 to +125°C


Similar Part No. - NTCG104BH222

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG104BH222 TDK-NTCG104BH222 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG104BH222 TDK-NTCG104BH222 Datasheet
370Kb / 27P
   NTC Thermistors SMD
NTCG104BH222JT1 TDK-NTCG104BH222JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
More results

Similar Description - NTCG104BH222

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG104BH103HT1 TDK-NTCG104BH103HT1 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG104KF104FT1 TDK-NTCG104KF104FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
NTCG163JF103FT1 TDK-NTCG163JF103FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com