Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCG104QH334 Datasheet(PDF) 5 Page - TDK Electronics

Part # NTCG104QH334
Description  NTC Thermistors SMD NTCG series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG104QH334 Datasheet(HTML) 5 Page - TDK Electronics

  NTCG104QH334 Datasheet HTML 1Page - TDK Electronics NTCG104QH334 Datasheet HTML 2Page - TDK Electronics NTCG104QH334 Datasheet HTML 3Page - TDK Electronics NTCG104QH334 Datasheet HTML 4Page - TDK Electronics NTCG104QH334 Datasheet HTML 5Page - TDK Electronics NTCG104QH334 Datasheet HTML 6Page - TDK Electronics NTCG104QH334 Datasheet HTML 7Page - TDK Electronics NTCG104QH334 Datasheet HTML 8Page - TDK Electronics NTCG104QH334 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
(4/13)
010-01 / 20090528 / eb221_ntcg.fm
• All specifications are subject to change without notice.
PRODUCT IDENTIFICATION
(1) NTC thermistor
(2) Structural classification
(3) Shapes and dimensions code
(4) B constant
This code indicates the value of B constant using a combina-
tion of one numeric character and one alphabetic character.
(5) B constant tolerance
(6) Nominal resistance
The resistance is expressed in three digit codes and in units of
Ω.
The first and second digits: Effective number
The third digit: Number of 0 which following the effective number.
(7) Nominal resistance tolerance
Resistance tolerance H(±3%) products: 2012 Types are excluded.
For more details, please contact us separately.
(8) Packaging style
(9) TDK internal code: Taping specifications
PACKAGING STYLE AND QUANTITIES
TAPING SPECIFICATIONS
0603, 1005, 1608 TYPES
Dimensions in mm
• Packaging quantities
15000 pieces/reel(0603 type), 10000 pieces/reel(1005 type), 4000 pieces/
reel(1608 type)
2012 TYPE
Dimensions in mm
• Packaging quantities
2000 pieces/reel
NTC
G
3E
H
101
T
(1)
(2)
(3)
(4) (5)
(6)
(7) (8) (9)
G
Multilayer internal electroded chip type NTC
thermistor(Pb free type)
06
0603
10
1005
16
1608
20
2012
Code
Tolerance(%)
H±3
300
30
Ω
101
100
Ω
102
1000
Ω(1kΩ)
103
10000
Ω(10kΩ)
Code
Tolerance(%)
H±3
J±5
T
Tape and reel
BBulk
1
Standard
B
0603type standard
Example
Code
B constant(K)
3E
3201 to 3250
3N
3601 to 3650
4L
4501 to 4550
4Q
4701 to 4750
Code
B constant(K)
22000
33000
44000
Code
B constant(K)
A0 to 50
B
51 to 100
C101 to 150
E201 to 250
F251 to 300
J401 to 450
K451 to 500
L501 to 550
N601 to 650
Q701 to 750
S801 to 850
Type
0603
1005
1608
A
0.38±0.05
0.65+0.05, –0.1
1.1±0.2
B
0.68±0.05
1.15+0.05, –0.1
1.9±0.2
C
8±0.3
8±0.3
8±0.3
D
3.5±0.05
3.5±0.05
3.5±0.05
E
1.75±0.1
1.75±0.1
1.75±0.1
F
2±0.05
2±0.05
4±0.1
G
2±0.05
2±0.05
2±0.05
H
4±0.05
4±0.05
4±0.1
J
1.5+0.1, –0
1.5+0.1, –0
1.5+0.1, –0
Type
2012
A1.5±0.2
B2.3±0.2
C8±0.3
D
3.5±0.05
E
1.75±0.1
F4±0.1
G2±0.05
H4±0.1
J
1.5+0.1, –0
F
H
G
A
Chip-containing segment
Feed direction
0.45max.(0603)
Press-pocket type
for 0603
0.7max.(1005)
1.1max.(1608)
Paper carrier tape
øJ
Pitch hole
Final blank segment
40mm min.
Chip-containing segment
200mm min.
400mm min.
Leader blank segment
Feed direction
• Cumulative pitch hole shift is within ±0.3mm over a 10-pitch interval.
Leader segment
Leader blank segment
10 to 20 pitches
20 to 40 pitches
210 to 250mm
Feed direction
• Cumulative pitch hole shift is within ±0.3mm over a 10-pitch interval.
Chip-containing segment Leader blank segment Leader segment
F
H
G
A
Chip-containing segment
Feed direction
1.1max.
Paper carrier tape
øJ
Pitch hole


Similar Part No. - NTCG104QH334

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG104QH334 TDK-NTCG104QH334 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG104QH334 TDK-NTCG104QH334 Datasheet
370Kb / 27P
   NTC Thermistors SMD
NTCG104QH334HT1 TDK-NTCG104QH334HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104QH334JT1 TDK-NTCG104QH334JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
More results

Similar Description - NTCG104QH334

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG104BH103HT1 TDK-NTCG104BH103HT1 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG104KF104FT1 TDK-NTCG104KF104FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
NTCG163JF103FT1 TDK-NTCG163JF103FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com