Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKG45NX5R1C476M500JH Datasheet(PDF) 8 Page - TDK Electronics

Part # CKG45NX5R1C476M500JH
Description  CKG Series Commercial Grade MEGACAP Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKG45NX5R1C476M500JH Datasheet(HTML) 8 Page - TDK Electronics

Back Button CKG45NX5R1C476M500JH Datasheet HTML 2Page - TDK Electronics CKG45NX5R1C476M500JH Datasheet HTML 3Page - TDK Electronics CKG45NX5R1C476M500JH Datasheet HTML 4Page - TDK Electronics CKG45NX5R1C476M500JH Datasheet HTML 5Page - TDK Electronics CKG45NX5R1C476M500JH Datasheet HTML 6Page - TDK Electronics CKG45NX5R1C476M500JH Datasheet HTML 7Page - TDK Electronics CKG45NX5R1C476M500JH Datasheet HTML 8Page - TDK Electronics CKG45NX5R1C476M500JH Datasheet HTML 9Page - TDK Electronics CKG45NX5R1C476M500JH Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
47 nF
3225
3.35 ± 0.10
± 10%
CKG32KX7R2J473K335AH
± 20%
CKG32KX7R2J473M335AH
100 nF
3225
3.35 ± 0.10
± 10%
CKG32KX7R2E104K335AH
± 20%
CKG32KX7R2E104M335AH
4532
2.90 ± 0.10
± 10%
CKG45KX7R2J104K290JH
± 20%
CKG45KX7R2J104M290JH
220 nF
3225
3.35 ± 0.10
± 10%
CKG32KX7R2E224K335AH
± 20%
CKG32KX7R2E224M335AH
4532
2.90 ± 0.10
± 10%
CKG45KX7R2E224K290JH
± 20%
CKG45KX7R2E224M290JH
5.00 ± 0.50
± 20%
CKG45NX7R2J224M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7R2J224K335JH
± 20%
CKG57KX7R2J224M335JH
470 nF
3225
3.35 ± 0.10
± 10%
CKG32KX7R2A474K335AH
± 20%
CKG32KX7R2A474M335AH
4532
2.90 ± 0.10
± 10%
CKG45KX7R2E474K290JH
± 20%
CKG45KX7R2E474M290JH
5.00 ± 0.50
± 20%
CKG45NX7R2E474M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7R2E474K335JH
± 20%
CKG57KX7R2E474M335JH
5.00 ± 0.50
± 20%
CKG57NX7R2J474M500JH
1 F
3225
3.35 ± 0.10
± 10%
CKG32KX7R2A105K335AH CKG32KX7R1H105K335AH
± 20%
CKG32KX7R2A105M335AH CKG32KX7R1H105M335AH
4532
2.90 ± 0.10
± 10%
CKG45KX7R2A105K290JH
± 20%
CKG45KX7R2A105M290JH
5.00 ± 0.50
± 20%
CKG45NX7R2E105M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7R2E105K335JH
CKG57KX7R2A105K335JH
± 20%
CKG57KX7R2E105M335JH CKG57KX7R2A105M335JH
5.00 ± 0.50
± 20%
CKG57NX7R2E105M500JH
1.5 F
4532
2.90 ± 0.10
± 10%
CKG45KX7R1H155K290JH
± 20%
CKG45KX7R1H155M290JH
2.2 F
3225
3.35 ± 0.10
± 10%
CKG32KX7R2A225K335AH
± 20%
CKG32KX7R2A225M335AH
4532
2.90 ± 0.10
± 10%
CKG45KX7R2A225K290JH
± 20%
CKG45KX7R2A225M290JH
5.00 ± 0.50
± 20%
CKG45NX7R2A225M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7R2A225K335JH
± 20%
CKG57KX7R2A225M335JH
5.00 ± 0.50
± 20%
CKG57NX7R2E225M500JH CKG57NX7R2A225M500JH
3.3 F
4532
2.90 ± 0.10
± 10%
CKG45KX7R1H335K290JH
± 20%
CKG45KX7R1H335M290JH
5.00 ± 0.50
± 20%
CKG45NX7R1H335M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7R2A335K335JH
± 20%
CKG57KX7R2A335M335JH
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
10 F
4532
5.00 ± 0.50
± 20%
CKG45NX5R1H106M500JH
5750
5.00 ± 0.50
± 20%
CKG57NX5R2A106M500JH
22 F
5750
5.00 ± 0.50
± 20%
CKG57NX5R1H226M500JH
47 F
4532
5.00 ± 0.50
± 20%
CKG45NX5R1C476M500JH
5750
5.00 ± 0.50
± 20%
CKG57NX5R1E476M500JH
100 F
5750
5.00 ± 0.50
± 20%
CKG57NX5R1C107M500JH
Class 2 (Temperature Stable)
Temperature Characteristics: X5R (-55 to +85ºC, ±15%)
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Page 7
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_commercial_megacap_en
• All specifications are subject to change without notice.


Similar Part No. - CKG45NX5R1C476M500JH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKG45NX5R1C476M500JH TDK-CKG45NX5R1C476M500JH_16 Datasheet
139Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKG45NX5R1C476M500JH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKG45KX7S2A335M290JH TDK-CKG45KX7S2A335M290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7S2A475K290JH TDK-CKG45KX7S2A475K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1E475M290JH TDK-CKG45KX7R1E475M290JH Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7T2E105K290JH TDK-CKG45KX7T2E105K290JH_16 Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1H335K290JH TDK-CKG45KX7R1H335K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1H335M290JH TDK-CKG45KX7R1H335M290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2E474K290JH TDK-CKG45KX7R2E474K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7S2A335K290JH TDK-CKG45KX7S2A335K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2A225M290JH TDK-CKG45KX7R2A225M290JH_16 Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2J104K290JH TDK-CKG45KX7R2J104K290JH Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com