Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGS15N40L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FGS15N40L
Description  Electrical Characteristics of IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGS15N40L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FGS15N40L Datasheet HTML 1Page - Fairchild Semiconductor FGS15N40L Datasheet HTML 2Page - Fairchild Semiconductor FGS15N40L Datasheet HTML 3Page - Fairchild Semiconductor FGS15N40L Datasheet HTML 4Page - Fairchild Semiconductor FGS15N40L Datasheet HTML 5Page - Fairchild Semiconductor FGS15N40L Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2001 Fairchild Semiconductor Corporation
September 2001
FGS15N40L Rev. A1
IGBT
FGS15N40L
General Description
Insulated
Gate Bipolar Transistors(IGBTs)
with trench
gate structure have superior performance in conductance
and switching to planar gate structure and also have wide
noise immunity.
These devices are well suitable for
strobe application
Features
• High Input Impedance
• High Peak Current Capability (130A)
• Easy Gate Drive
Absolute Maximum Ratings
TC = 25°C unless otherrwise noted
Notes :
(1) Repetitive rating : Pulse width limited by max. junction temperature
Thermal Characteristics
Notes: Mounted on 1” square PCB(FR4 or G-10 Material)
Symbol
Description
FGS15N40L
Units
VCES
Collector-Emitter Voltage
400
V
VGES
Gate-Emitter Voltage
± 6V
ICM (1)
Pulsed Collector Current
130
A
PC
MaximumPowerDissipation
@ Ta = 25°C2.0
W
TJ
Operating Junction Temperature
-40 to +150
°C
Tstg
Storage Temperature Range
-40 to +150
°C
TL
Maximum Lead Temp. for soldering
PurPoses from case for 5 secnds
300
°C
Symbol
Parameter
Typ.
Max.
Units
RθJA
Thermal Resistance, Junction-to-Ambient(PCB Mount)
--
62.5
°C/W
Application
• Strobe Flash
G
C
E
E
E
E
G
C
C
C
C
8-SOP


Similar Part No. - FGS15N40L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGS15N40L FAIRCHILD-FGS15N40L Datasheet
210Kb / 6P
   High Input Impedance
FGS15N40LTF FAIRCHILD-FGS15N40LTF Datasheet
210Kb / 6P
   High Input Impedance
More results

Similar Description - FGS15N40L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL60N100D FAIRCHILD-FGL60N100D Datasheet
438Kb / 6P
   Electrical Characteristics of IGBT
FGL60N170D FAIRCHILD-FGL60N170D Datasheet
558Kb / 8P
   Electrical Characteristics of IGBT
FGL40N150D FAIRCHILD-FGL40N150D Datasheet
440Kb / 7P
   Electrical Characteristics of the IGBT
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com