Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F12 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45F12_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F12_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F12_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F12_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F12_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F12_12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F12_12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F12_12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F12_12 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
Rev. 1.20
10
�e���a�� 2�� 201�
Rev. 1.20
11
�e���a�� 2�� 201�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VDD
Conditions
VDD
Ope�ating Voltage
fSYS= 910kHz� (HXT/ERC/HIRC)
2.2
5.5
V
fSYS= 2MHz� (HXT/ERC/ HIRC)
2.2
5.5
V
fSYS= 4MHz� (HXT/ERC/EC/HIRC)
2.2
5.5
V
fSYS= 8MHz� (HXT/ERC/EC/HIRC)
�.�
5.5
V
fSYS= 12MHz� (HXT/ERC/EC)
4.5
5.5
V
IDD1
Ope�ating C���ent
(HXT� ERC)
�.�V
No load� fSYS= fM= 455kHz� LVR off�
Compa�ato� off� OPAs off
�0
110
μA
No load� fSYS= fM= 455kHz� LVR on�
Compa�ato� on� OPAs off
100
150
μA
IDD2
Ope�ating C���ent
(ERC� HIRC)
�.�V
No load� fM= 910kHz� fSYS= fSLOW= 455kHz�
LVR off� Compa�ato� off� OPAs off
90
1�5
μA
No load� fM= 910kHz� fSYS= fSLOW= 455kHz�
LVR on� Compa�ato� on� OPAs off
120
180
μA
IDD�
Ope�ating C���ent
(ERC� HIRC)
�.�V
No load� fSYS= fM= 910kHz� LVR off�
Compa�ato� off� OPAs off
110
1�0
μA
No load� fSYS= fM= 910kHz� LVR on�
Compa�ato� on� OPAs off
160
240
μA
IDD4
Ope�ating C���ent
(ERC� HXT)
�.�V
No load� fSYS= fM= 1MHz� LVR off�
Compa�ato� off� OPAs off
120
180
μA
No load� fSYS= fM=1MHz� LVR on�
Compa�ato� on� OPAs off
1�0
260
μA
IDD5
Ope�ating C���ent
(HXT� ERC� HIRC)
�.�V
No load� fSYS= fM= 2MHz� LVR off�
Compa�ato� off� OPAs off
1�0
260
μA
No load� fSYS= fM= 2MHz� LVR on�
Compa�ato� on� OPAs off
200
�00
μA
IDD6
Ope�ating C���ent
(HXT� ERC� HIRC)
�V
No load� fSYS= fM= 4MHz
420
6�0
μA
5V
�00
1000
μA
IDD�
Ope�ating C���ent
(EC mode)
�V
No load� fSYS= fM= 4MHz
��0
500
μA
5V
550
820
μA
IDD8
Ope�ating C���ent
(HXT� ERC� HIRC)
5V No load� fSYS= fM= 8MHz
1.5
�.0
mA
IDD9
Ope�ating C���ent
(HXT� ERC)
5V No load� fSYS= fM=12MHz
2.5
5.0
mA
IDD10
Ope�ating C���ent (Slow
Mode� fM=4MHz)
(HXT� ERC� HIRC)
�V
No load� fSYS= fSLOW= 1MHz
200
�00
μA
5V
400
600
μA
IDD11
Ope�ating C���ent (Slow
Mode� fM=4MHz)
(HXT� ERC� HIRC)
�V
No load� fSYS= fSLOW= 2MHz
250
��5
μA
5V
560
840
μA
IDD12
Ope�ating C���ent (Slow
Mode� fM=8MHz)
(HXT� ERC� HIRC)
�V
No load� fSYS= fSLOW= 2MHz
�00
450
μA
5V
680
1020
μA
IDD1�
Ope�ating C���ent (Slow
Mode� fM=8MHz)
(HXT� ERC� HIRC)
�V
No load� fSYS= fSLOW= 4MHz
450
800
μA
5V
1000 1500
μA
IDD14
Ope�ating C���ent
(fSYS=fLIRC)
�V
No load� WDT off
10
20
μA
5V
20
�5
μA


Similar Part No. - HT45F12_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45F12 HOLTEK-HT45F12 Datasheet
4Mb / 104P
   8-Bit Flash MCU with Op Amps & Comparators
More results

Similar Description - HT45F12_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45F12 HOLTEK-HT45F12 Datasheet
4Mb / 104P
   8-Bit Flash MCU with Op Amps & Comparators
HT45F23A HOLTEK-HT45F23A Datasheet
5Mb / 148P
   8-Bit Flash MCU with Op Amps & Comparators
HT45F23 HOLTEK-HT45F23 Datasheet
896Kb / 152P
   8-Bit Flash MCU with Op Amps & Comparators
logo
Analog Devices
AN-849 AD-AN-849 Datasheet
194Kb / 8P
   Using Op Amps as Comparators
REV. A
logo
Holtek Semiconductor In...
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
   8-Bit Flash MCU with RF Transmitter
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
   PIR 8-Bit Flash MCU
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
   8-bit MCU with single voltage Flash memory
February 2008 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com