Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKCA43X5R1H222M100AA Datasheet(PDF) 5 Page - TDK Electronics

Part # CKCA43X5R1H222M100AA
Description  CKC Series Commercial Grade 4 in 1 Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKCA43X5R1H222M100AA Datasheet(HTML) 5 Page - TDK Electronics

  CKCA43X5R1H222M100AA Datasheet HTML 1Page - TDK Electronics CKCA43X5R1H222M100AA Datasheet HTML 2Page - TDK Electronics CKCA43X5R1H222M100AA Datasheet HTML 3Page - TDK Electronics CKCA43X5R1H222M100AA Datasheet HTML 4Page - TDK Electronics CKCA43X5R1H222M100AA Datasheet HTML 5Page - TDK Electronics CKCA43X5R1H222M100AA Datasheet HTML 6Page - TDK Electronics CKCA43X5R1H222M100AA Datasheet HTML 7Page - TDK Electronics CKCA43X5R1H222M100AA Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
• All specifications are subject to change without notice.
CKCA43(C3216) [EIA CC1206]
C0G
CH
1H
(50V)
1H
(50V)
10
100
F: ± 1pF
K: ± 10%
15
150
22
220
33
330
47
470
68
680
100
101
150
151
220
221
330
331
470
471
680
681
1,000
102
1.00 mm
JB
X5R
X7R
1H
(50V)
1E
(25V)
1C
(16V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
470
471
M: ± 20%
1,000
102
2,200
222
4,700
472
10,000
103
22,000
223
47,000
473
100,000
104
1,000,000
105
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), CH (0 ± 60ppm/ºC), JB (± 10%), X5R (± 15%), X7R (± 15%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
Capacitance
(pF)
Code
Tolerance
Page 4
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130219 / mlcc_commercial_4array_en


Similar Part No. - CKCA43X5R1H222M100AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43X5R1H222M100AA TDK-CKCA43X5R1H222M100AA_16 Datasheet
206Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCA43X5R1H222M100AA

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CKCL22X7R1H103M SAMWHA-CKCL22X7R1H103M Datasheet
738Kb / 10P
   CKC Series Commercial Grade 2 in 1 Array
logo
KODENSHI_AUK CORP.
ND102M4AL KODENSHI-ND102M4AL Datasheet
186Kb / 5P
   Antenna Switching Diode Array ( 4 in 1)
logo
TDK Electronics
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Switchcraft, Inc.
280 SWITCH-280 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
Kemet Corporation
C1206C107M9PACTU KEMET-C1206C107M9PACTU Datasheet
1Mb / 22P
   X5R Dielectric, 4 ??50 VDC (Commercial Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com