Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1005CH1H470J050BA Datasheet(PDF) 2 Page - TDK Electronics

Part # C1005CH1H470J050BA
Description  C Series Commercial Grade General (Up to 50V)
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1005CH1H470J050BA Datasheet(HTML) 2 Page - TDK Electronics

  C1005CH1H470J050BA Datasheet HTML 1Page - TDK Electronics C1005CH1H470J050BA Datasheet HTML 2Page - TDK Electronics C1005CH1H470J050BA Datasheet HTML 3Page - TDK Electronics C1005CH1H470J050BA Datasheet HTML 4Page - TDK Electronics C1005CH1H470J050BA Datasheet HTML 5Page - TDK Electronics C1005CH1H470J050BA Datasheet HTML 6Page - TDK Electronics C1005CH1H470J050BA Datasheet HTML 7Page - TDK Electronics C1005CH1H470J050BA Datasheet HTML 8Page - TDK Electronics C1005CH1H470J050BA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Page 1
MULTILAYER CERAMIC CHIP CAPACITORS
002-02 / 20130412 / mlcc_commercial_general_en
SAFETY REMINDERS
REMINDERS
Please read before using this product
Notice : Effective January 2013, TDK will use a new catalog part number which adds product thickness and packaging
specification detail. This new part number should be referenced on all catalog orders going forward, and is not
applicable for OEM part number orders. Please be aware the last five digits of the TDK catalog part number will
differ from the TDK item description (internal control number) on the product label. Contact your local TDK Sales
representative for more information.
(Example)
Catalog Issued date
TDK Part Number (In Catalog)
TDK Item Description (On Delivery Label)
Prior to January 2013
C1608C0G1E103J
C1608C0G1E103JT000N
January 2013 and Later
C1608C0G1E103J080AA
C1608C0G1E103JT000N
1.
If you intend to use a product listed in this catalog for a purpose that may cause loss of life or other damage,
you must contact our company’s sales window.
2.
Wemaymodifyproductsordiscontinueproductionofaproductlistedinthiscatalogwithoutpriornotification.
3.
Weprovide“DeliverySpecification”thatexplainprecautionsforthespecificationsandsafetyofeachproduct
listedinthiscatalog.Westronglyrecommendthatyouexchangethesedeliveryspecificationswithcustomers
that use one of these products.
4.
If you plan to export a product listed in this catalog, keep in mind that it may be a restricted item according
tothe“ForeignExchangeandForeignTradeControlLaw”.Insuchcases,itisnecessarytoacquireexport
permission in harmony with this law.
5.
Any reproduction or transferring of the contents of this catalog is prohibited without prior permission from our
company.
6.
We are not responsible for problems that occur related to the intellectual property rights or other rights of our
company or a third party when you use a product listed in this catalog. We do not grant license of these rights.
7.
Thiscatalogonlyappliestoproductspurchasedthroughourcompanyoroneofourcompany’sofficialagencies.
This catalog does not apply to products that are purchased through other third parties.
REMINDERS


Similar Part No. - C1005CH1H470J050BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005CH1H470J050BA TDK-C1005CH1H470J050BA_17 Datasheet
180Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1005CH1H470J050BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X7R1H335K250AB TDK-C3225X7R1H335K250AB Datasheet
2Mb / 55P
   C Series Commercial Grade General (Up to 50V)
C1608CH1H221J TDK-C1608CH1H221J Datasheet
123Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C4532X7R1H685M TDK-C4532X7R1H685M Datasheet
132Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005C0G1H080D050BA TDK-C1005C0G1H080D050BA_16 Datasheet
130Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005CH1H0R5C050BA TDK-C1005CH1H0R5C050BA_16 Datasheet
129Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005CH1H020B050BA TDK-C1005CH1H020B050BA_16 Datasheet
130Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1E224K050BC TDK-C1005X5R1E224K050BC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1E683M050BC TDK-C1005X5R1E683M050BC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1H102K050BA TDK-C1005X5R1H102K050BA Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1H222K050BA TDK-C1005X5R1H222K050BA Datasheet
139Kb / 1P
   Commercial Grade ( General (Up to 50V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com