Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9910CNG-G Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV9910CNG-G
Description  The HV9910C is an open loop, current mode, control LED driver IC.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9910CNG-G Datasheet(HTML) 7 Page - Supertex, Inc

  HV9910CNG-G Datasheet HTML 1Page - Supertex, Inc HV9910CNG-G Datasheet HTML 2Page - Supertex, Inc HV9910CNG-G Datasheet HTML 3Page - Supertex, Inc HV9910CNG-G Datasheet HTML 4Page - Supertex, Inc HV9910CNG-G Datasheet HTML 5Page - Supertex, Inc HV9910CNG-G Datasheet HTML 6Page - Supertex, Inc HV9910CNG-G Datasheet HTML 7Page - Supertex, Inc HV9910CNG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HV9910C
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9910C
NR041813
8-Lead SOIC (Narrow Body) Package Outline (LG)
4.90x3.90mm body, 1.75mm height (max), 1.27mm pitch
1
8
Seating
Plane
Gauge
Plane
L
L1
L2
E
E1
D
e
b
A A2
A1
Seating
Plane
A
A
Top View
Side View
View B
View B
θ1
θ
Note 1
(Index Area
D/2 x E1/2)
View A-A
h
h
Note 1
Symbol
A
A1
A2
b
D
E
E1
e
h
L
L1
L2
θ
θ1
Dimension
(mm)
MIN 1.35* 0.10 1.25 0.31 4.80* 5.80* 3.80*
1.27
BSC
0.25 0.40
1.04
REF
0.25
BSC
0O
5O
NOM
-
-
-
-
4.90 6.00 3.90
-
-
-
-
MAX 1.75 0.25 1.65* 0.51 5.00* 6.20* 4.00*
0.50 1.27
8O
15O
JEDEC Registration MS-012, Variation AA, Issue E, Sept. 2005.
* This dimension is not specified in the JEDEC drawing.
Drawings are not to scale.
Supertex Doc. #: DSPD-8SOLGTG, Version I041309.
Note:
1.
This chamfer feature is optional. A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier;
an embedded metal marker; or a printed indicator.


Similar Part No. - HV9910CNG-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9910CNG-G MICROCHIP-HV9910CNG-G Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
HV9910CNG-G-M934 MICROCHIP-HV9910CNG-G-M934 Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
More results

Similar Description - HV9910CNG-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT822 ETC2-FT822 Datasheet
276Kb / 6P
   The FT822 is a current-mode control PFC LED driver IC.
logo
Supertex, Inc
HV9803 SUTEX-HV9803 Datasheet
828Kb / 7P
   LED Driver IC with Average-Mode Constant Current Control
HV9803B SUTEX-HV9803B Datasheet
580Kb / 7P
   LED Driver IC with Average-Mode Constant Current Control
logo
HTC Korea TAEJIN Techno...
TJ9910 HTC-TJ9910 Datasheet
272Kb / 9P
   The TJ9910 is a PWM high-efficiency LED driver control IC
logo
Supertex, Inc
HV9982 SUTEX-HV9982 Datasheet
884Kb / 13P
   Three-Channel, Closed-Loop, Switch Mode LED Driver IC
HV9985 SUTEX-HV9985 Datasheet
1Mb / 16P
   Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
THine Electronics, Inc.
THL3514 THINE-THL3514 Datasheet
339Kb / 16P
   The THL3514 is an LED driver with 24 channel constant
THL3512 THINE-THL3512 Datasheet
340Kb / 16P
   The THL3512 is an LED driver with 24 channel opendrain
logo
International Rectifier
IRS2980S IRF-IRS2980S Datasheet
339Kb / 18P
   LED DRIVER CONTROL IC
logo
Sanken electric
LC5910S SANKEN-LC5910S Datasheet
692Kb / 22P
   Critical Current Mode Buck LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com