Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2075D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCT2075D
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075D Datasheet(HTML) 4 Page - NXP Semiconductors

  PCT2075D Datasheet HTML 1Page - NXP Semiconductors PCT2075D Datasheet HTML 2Page - NXP Semiconductors PCT2075D Datasheet HTML 3Page - NXP Semiconductors PCT2075D Datasheet HTML 4Page - NXP Semiconductors PCT2075D Datasheet HTML 5Page - NXP Semiconductors PCT2075D Datasheet HTML 6Page - NXP Semiconductors PCT2075D Datasheet HTML 7Page - NXP Semiconductors PCT2075D Datasheet HTML 8Page - NXP Semiconductors PCT2075D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 21 May 2013
4 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
5.
Block diagram
6.
Pinning information
6.1 Pinning
Fig 1.
Block diagram of PCT2075
PCT2075
SDA
VCC
SCL
A0
OS
A1
GND
A2
002aag634
BIAS
REFERENCE
BAND GAP
TEMP SENSOR
OSCILLATOR
POWER-ON
RESET
11-BIT
SIGMA-DELTA
A-to-D
CONVERTER
POINTER
REGISTER
TIDLE/TIMER
COMPARATOR/
INTERRUPT
COUNTER
LOGIC CONTROL AND INTERFACE
CONFIGURATION
REGISTER
THYST
REGISTER
TOS
REGISTER
TEMPERATURE
REGISTER
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
Fig 4.
Pin configuration for HWSON8
Fig 5.
Pin configuration for TSOP6
PCT2075D
SDA
VCC
SCL
A0
OS
A1
GND
A2
002aag635
1
2
3
4
6
5
8
7
PCT2075DP
PCT2075DP/Q900
SDA
VCC
SCL
A0
OS
A1
GND
A2
002aag636
1
2
3
4
6
5
8
7
002aag637
terminal 1
index area
1
SDA
PCT2075TP
Transparent top view
2
SCL
3
OS
4
8
7
6
5
GND
VCC
A0
A1
A2
PCT2075GV
A0
SDA
GND
VCC
SCL
002aag638
1
2
3
6
OS
5
4


Similar Part No. - PCT2075D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCT2075D NXP-PCT2075D Datasheet
1Mb / 37P
   I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 4-19 July 2013
PCT2075D,118 NXP-PCT2075D,118 Datasheet
1Mb / 37P
   I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 4-19 July 2013
PCT2075DP NXP-PCT2075DP Datasheet
1Mb / 37P
   I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 4-19 July 2013
PCT2075DP,118 NXP-PCT2075DP,118 Datasheet
1Mb / 37P
   I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 4-19 July 2013
PCT2075DP/Q900 NXP-PCT2075DP/Q900 Datasheet
1Mb / 37P
   I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 4-19 July 2013
More results

Similar Description - PCT2075D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCT2075_1307 NXP-PCT2075_1307 Datasheet
1Mb / 37P
   I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 4-19 July 2013
SE95 NXP-SE95 Datasheet
158Kb / 27P
   Ultra high accuracy digital temperature sensor and thermal watchdog
Rev. 07-2 September 2009
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1084UK NXP-P3T1084UK Datasheet
737Kb / 45P
   I3C, I2C-bus, 0.4 °C accuracy, digital temperature sensor
Rev. 1.0 - 29 March 2023
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com