Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVAC250-12AFD Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # MVAC250-12AFD
Description  250W High Density AC-DC Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MVAC250-12AFD Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  MVAC250-12AFD Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MVAC250-12AFD Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MVAC250-12AFD Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MVAC250-12AFD Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MVAC250-12AFD Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MVAC250-12AFD Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MVAC250-12AFD Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MVAC250-12AFD Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MVAC250 Series
250W High Density AC-DC Power Supply
MVAC250.A03 Page 2 of 8
www.murata-ps.com/support
ENVIRONMENTAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage Temperature Range
-40
85
°C
Operating Temperature Range
See power rating curves
-10
70
Start up
-20
Operating Humidity
Non-condensing
10
95
%
Operating Altitude
-200
5000
m
MTBF
Telcordia SR-332 M1C3 @25°C
474K
Hours
Shock
Operating, MIL-HBK-810E
Complies
Non-operating, MIL-HBK-810E
Complies
Operational Vibration
IEC-68-2-27 standard
Complies to levels of IEC721-3-2
Safety
IEC60950-1:2006/A11:2009
UL60950-1 2nd Ed. 2007-03-27, CSA22.2 N0.60950-1 2nd Ed. 2007.03,
EN60950-1:2006+A11:2009 (Pending)
IEC60601-1 Ed. 3 MOOP
ANSI/AAMI ES60601-1 (2005+C1:09+A2:10), CSA 22.2 No. 60601-1 (2008) 3rd Edition MOOP
EN60601-1:2006 3rd ed. MOOP (Pending)
CE Marking per LVD
Warranty
2 years
Outside Dimensions
3.0" x 5.0" x 1.4" (76.2mm x 127mm x 35.6mm)
Weight
MVAC250-xxF: 0.73 lbs (332.9g); MVAC250-xxAFD: 0.76 lbs (344.7g)
RESIDUAL RISK (PER ISO 14971 & IEC60601-1) FOR USER CONSIDERATION
Fault Condition
Residual Risk
Complies
Contact your Murata salesperson for details
PROTECTION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Over Voltage Protection4
V1 (main output) latching
110
125
%
V3 (aux output: MVAC250-xxAFD) latching
5.5
7.5
V
Over Current Protection4
V1, hiccup mode
110
130
%Amax
Over Temperature Protection
Auto-recovery
Complies
Remote Sense Short Circuit Protection
Complies
Remote Sense Reverse Connection Protection
Complies
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation
Primary to Chassis
1500
Vac
Primary to Secondary
3000
Secondary to Chassis
500
Output to Output
500
Earth Leakage Current (under single fault condition)
MVAC250-xxAFD: 264Vac, 60Hz, 25°C
300
µA
MVAC250-xxF: 264Vac, 60Hz, 25°C
350
Earth Leakage Current (under normal conditions)
MVAC250-xxAFD: 264Vac, 60Hz, 25°C
150
MVAC250-xxF: 264Vac, 60Hz, 25°C
250
CURRENT SHARING OPTION – MVAC250-xxAFD ONLY
Model Number
Description
MVAC250-12AFD
MVAC250-24AFD
MVAC250-48AFD
Current Sharing Notes:
Main Output: Current share is achieved using the droop method. Nominal output voltage is achieved at 50% load and output voltage drops at
a rate of 48mv per amp for 12V output, 192mV per amp for 24V output, and 800mV per amp for 50V output. Startup of parallel power supplies
is not internally synchronized. If more than 250W combined power is needed, start-up synchronization must be provided by using a common
PS_ON signal. To account for ±10% full load current sharing accuracy and the reduction in full load output voltage due to droop, available
output power must be derated by 15% when units are operated in parallel. Current sharing can be achieved with or without remote sense
connected to the common load. If ORing protection is desired, please contact Murata sales for external ORing FET board or external ORing FET
reference circuit design.
Aux (V3) output can be tied together for redundancy but total combined output power must not exceed 10W, external ORing devices must be
used.
Fan (V2) can be tied together for redundancy but total combined output power must not exceed 12W, external ORing diodes can be used.


Similar Part No. - MVAC250-12AFD

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MVAC250-12AFD MURATA-MVAC250-12AFD Datasheet
379Kb / 7P
   250W High Density AC/DC Power Supply
logo
Murata Power Solutions ...
MVAC250-12AFD MURATA-PS-MVAC250-12AFD Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-12AFD MURATA-PS-MVAC250-12AFD Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-12AFD MURATA-PS-MVAC250-12AFD Datasheet
442Kb / 9P
   250 Watt Silicon Type Metal Package Power Transistor
MVAC250-12AFD** MURATA-PS-MVAC250-12AFD* Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
More results

Similar Description - MVAC250-12AFD

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MVAC250 MURATA-MVAC250 Datasheet
379Kb / 7P
   250W High Density AC/DC Power Supply
logo
Murata Power Solutions ...
MVAC250-12F MURATA-PS-MVAC250-12F Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-48F MURATA-PS-MVAC250-48F Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24AFD MURATA-PS-MVAC250-24AFD Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24AFT MURATA-PS-MVAC250-24AFT Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-12AFD MURATA-PS-MVAC250-12AFD Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-48AFD MURATA-PS-MVAC250-48AFD Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
logo
BOSER Technology Co., L...
MPI-925A BOSER-MPI-925A Datasheet
89Kb / 1P
   250W AC-DC AT Power Supply
ZKS-250AE BOSER-ZKS-250AE Datasheet
66Kb / 1P
   250W AC-DC AT Power Supply
logo
Murata Power Solutions ...
MVAD065 MURATA-PS-MVAD065 Datasheet
300Kb / 5P
   65W High Density AC/DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com