Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEC035AAN Datasheet(PDF) 1 Page - Texas Instruments

Part # PEC035AAN
Description  TPS55340EVM-147, 6V to 18V Input, 12V Output SEPIC Evaluation Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PEC035AAN Datasheet(HTML) 1 Page - Texas Instruments

  PEC035AAN Datasheet HTML 1Page - Texas Instruments PEC035AAN Datasheet HTML 2Page - Texas Instruments PEC035AAN Datasheet HTML 3Page - Texas Instruments PEC035AAN Datasheet HTML 4Page - Texas Instruments PEC035AAN Datasheet HTML 5Page - Texas Instruments PEC035AAN Datasheet HTML 6Page - Texas Instruments PEC035AAN Datasheet HTML 7Page - Texas Instruments PEC035AAN Datasheet HTML 8Page - Texas Instruments PEC035AAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
User's Guide
SLVU742 – June 2012
TPS55340EVM-147, 6V to 18V Input, 12V Output SEPIC
Evaluation Module
This user’s guide contains information for the TPS55340EVM-147 evaluation module (also called
PWR147) as well as the TPS55340 DC/DC converter. The document includes the performance
specifications, schematic, and the bill of materials for the TPS55340EVM-147.
Contents
1
Background
.................................................................................................................. 2
2
Performance Specification Summary
..................................................................................... 2
3
Modifications
................................................................................................................. 3
4
Test Setup and Results
.................................................................................................... 3
5
Board Layout
............................................................................................................... 12
6
Schematic and Bill of Materials
.......................................................................................... 15
List of Figures
1
TPS55340EVM-147 Efficiency
............................................................................................ 4
2
TPS55340EVM-147 Output Voltage Load Regulation
................................................................. 5
3
TPS55340EVM-147 Output Voltage Line Regulation
.................................................................. 5
4
TPS55340EVM-147 V
IN = 6V Transient Response .....................................................................
6
5
TPS55340EVM-147 V
IN = 18V Transient Response ...................................................................
6
6
TPS55340EVM-147 Loop Response
..................................................................................... 7
7
TPS55340EVM-147 V
IN = 6V Output Ripple ............................................................................
7
8
TPS55340EVM-147 V
IN = 18V Output Ripple ...........................................................................
8
9
TPS55340EVM-147 DCM Output Ripple
................................................................................ 8
10
TPS55340EVM-147 V
IN = 18V Pulse-Skipping..........................................................................
9
11
TPS55340EVM-147 V
IN = 6V Input Voltage Ripple.....................................................................
9
12
TPS55340EVM-147 V
IN = 18V Input Voltage Ripple..................................................................
10
13
TPS55340EVM-147 Power Up With EN
............................................................................... 10
14
TPS55340EVM-147 Power Down With EN
............................................................................ 11
15
TPS55340EVM-147 Power Up With V
IN ................................................................................
11
16
TPS55340EVM-147 Power Down With V
IN ............................................................................
12
17
TPS55340EVM-147 Top-Side Assembly
............................................................................... 13
18
TPS55340EVM-147 Top-Side Layout
.................................................................................. 13
19
TPS55340EVM-147 Internal Layer-1 Layout
.......................................................................... 14
20
TPS55340EVM-147 Internal Layer-2 Layout
.......................................................................... 14
21
TPS55340EVM-147 Bottom-Side Layout
.............................................................................. 15
22
TPS55340EVM-147 Schematic
.......................................................................................... 15
List of Tables
1
Input Voltage and Output Current Summary
............................................................................ 2
2
Performance Specification Summary
..................................................................................... 2
3
EVM Connectors and Test Points
........................................................................................ 4
4
TPS55340EVM-147 Bill of Materials
.................................................................................... 16
1
SLVU742 – June 2012
TPS55340EVM-147, 6V to 18V Input, 12V Output SEPIC Evaluation Module
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - PEC035AAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PEC03SAAN TI1-PEC03SAAN Datasheet
324Kb / 9P
[Old version datasheet]   TPS7A1601EVM-046
PEC03SAAN TI1-PEC03SAAN Datasheet
660Kb / 15P
[Old version datasheet]   TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
PEC03SAAN TI1-PEC03SAAN Datasheet
524Kb / 15P
[Old version datasheet]   TPS62090EVM-063 Evaluation Module
PEC03SAAN TI1-PEC03SAAN Datasheet
466Kb / 13P
[Old version datasheet]   TPS75005EVM-023
PEC03SAAN TI1-PEC03SAAN Datasheet
473Kb / 14P
[Old version datasheet]   TPS8125xEVM
More results

Similar Description - PEC035AAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
[Old version datasheet]   TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
logo
Maxim Integrated Produc...
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
logo
Rohm
BD9G341EFJ ROHM-BD9G341EFJ Datasheet
1Mb / 27P
   12V節?6V input voltage range 3A output current
logo
Maxim Integrated Produc...
MAX761EVKIT MAXIM-MAX761EVKIT Datasheet
353Kb / 4P
   2V to 12V Input Range for 12V Output
2007
logo
National Semiconductor ...
LM5050-2 NSC-LM5050-2 Datasheet
713Kb / 6P
   EVAL Evaluation Board Minimum Input Voltage, 6V
logo
AAEON Technology
PCM-P50 AAEON-PCM-P50 Datasheet
431Kb / 1P
   50W Output, 6V to 40V DC Input Range
logo
First Silicon Co., Ltd
FR7805P FS-FR7805P Datasheet
320Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
logo
National Semiconductor ...
LM25066 NSC-LM25066 Datasheet
5Mb / 18P
   Evaluation Board Insertion delay: 147 ms (typical)
logo
Microchip Technology
MCP1665 MICROCHIP-MCP1665 Datasheet
704Kb / 24P
   MCP1665 12V Output Boost Regulator Evaluation Board
10/10/17
logo
Monolithic Power System...
EVM3680-RE-00A MPS-EVM3680-RE-00A Datasheet
493Kb / 7P
   18V 6A Step-Down Power Module Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com