Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD1260-123ML Datasheet(PDF) 9 Page - Texas Instruments

Part # MSD1260-123ML
Description  TPS55340EVM-147, 6V to 18V Input, 12V Output SEPIC Evaluation Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSD1260-123ML Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSD1260-123ML Datasheet HTML 5Page - Texas Instruments MSD1260-123ML Datasheet HTML 6Page - Texas Instruments MSD1260-123ML Datasheet HTML 7Page - Texas Instruments MSD1260-123ML Datasheet HTML 8Page - Texas Instruments MSD1260-123ML Datasheet HTML 9Page - Texas Instruments MSD1260-123ML Datasheet HTML 10Page - Texas Instruments MSD1260-123ML Datasheet HTML 11Page - Texas Instruments MSD1260-123ML Datasheet HTML 12Page - Texas Instruments MSD1260-123ML Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
C3: ILb (1.00 A/div)
C2: SW (10.0 V/div)
C1: VIN AC Coupled (50 mV/div)
Timebase = 2.00 µs/div
C4: ILa (1.00 A/div)
C3: ILb (1.00 A/div)
C2: SW (20.0 V/div)
C1: VOUT AC Coupled (50 mV/div)
Timebase = 2.00 µs/div
C4: ILa (1.00 A/div)
www.ti.com
Test Setup and Results
4.8
Pulse-Skipping Operation
The TPS55340 features pulse-skipping for output regulation when operating at light loads. Figure 9 shows
the output voltage ripple and the pulse-skipping at SW. The input voltage is 18V.
Figure 10. TPS55340EVM-147 V
IN = 18V Pulse-Skipping
4.9
Input Voltage Ripple
Figure 11 shows the TPS55340EVM-147 input voltage ripple. The output current is the rated full load of
1A at V
IN = 6V. The ripple is measured directly across the input capacitor C2.
Figure 11. TPS55340EVM-147 V
IN = 6V Input Voltage Ripple
9
SLVU742 – June 2012
TPS55340EVM-147, 6V to 18V Input, 12V Output SEPIC Evaluation Module
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - MSD1260-123ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSD1260-123ML COILCRAFT-MSD1260-123ML Datasheet
250Kb / 3P
   Coupled Inductors for SEPIC
MSD1260-123MLB COILCRAFT-MSD1260-123MLB Datasheet
251Kb / 3P
   Coupled Inductors
MSD1260-123MLB COILCRAFT-MSD1260-123MLB Datasheet
248Kb / 3P
   Coupled Inductors - MSD1260
MSD1260-123MLD COILCRAFT-MSD1260-123MLD Datasheet
251Kb / 3P
   Coupled Inductors
MSD1260-123MLD COILCRAFT-MSD1260-123MLD Datasheet
248Kb / 3P
   Coupled Inductors - MSD1260
More results

Similar Description - MSD1260-123ML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
[Old version datasheet]   TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
logo
Maxim Integrated Produc...
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
logo
Rohm
BD9G341EFJ ROHM-BD9G341EFJ Datasheet
1Mb / 27P
   12V節?6V input voltage range 3A output current
logo
Maxim Integrated Produc...
MAX761EVKIT MAXIM-MAX761EVKIT Datasheet
353Kb / 4P
   2V to 12V Input Range for 12V Output
2007
logo
National Semiconductor ...
LM5050-2 NSC-LM5050-2 Datasheet
713Kb / 6P
   EVAL Evaluation Board Minimum Input Voltage, 6V
logo
AAEON Technology
PCM-P50 AAEON-PCM-P50 Datasheet
431Kb / 1P
   50W Output, 6V to 40V DC Input Range
logo
First Silicon Co., Ltd
FR7805P FS-FR7805P Datasheet
320Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
logo
National Semiconductor ...
LM25066 NSC-LM25066 Datasheet
5Mb / 18P
   Evaluation Board Insertion delay: 147 ms (typical)
logo
Microchip Technology
MCP1665 MICROCHIP-MCP1665 Datasheet
704Kb / 24P
   MCP1665 12V Output Boost Regulator Evaluation Board
10/10/17
logo
Monolithic Power System...
EVM3680-RE-00A MPS-EVM3680-RE-00A Datasheet
493Kb / 7P
   18V 6A Step-Down Power Module Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com