Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F60A Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT66F60A
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Download  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60A Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT66F60A Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F60A Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F60A Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F60A Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F60A Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F60A Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F60A Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F60A Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F60A Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 237 page
background image
Rev. 1.00
8
�a��� �0� �01�
Rev. 1.00
9
�a��� �0� �01�
HT66F60A/HT66F70A
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
General Description
TheHT66Fx0AseriesofdevicesareFlashMemoryA/Dtype8-bithighperformanceRISC
architecturemicrocontrollers,designedforawiderangeofapplications.Offeringusersthe
convenienceofFlashMemorymulti-programmingfeatures,thesedevicesalsoincludeawiderange
offunctionsandfeatures.OthermemoryincludesanareaofRAMDataMemoryaswellasanarea
ofEEPROMmemoryforstorageofnon-volatiledatasuchasserialnumbers,calibrationdataetc.
Analogfeaturesincludeamulti-channel12-bitA/Dconverteranddualcomparatorfunctions.
MultipleandextremelyflexibleTimerModulesprovidetiming,pulsegenerationandPWM
generationfunctions.Communicationwiththeoutsideworldiscateredforbyincludingfully
integratedSPIorI2Cinterfacefunctions,twopopularinterfaceswhichprovidedesignerswitha
meansofeasycommunicationwithexternalperipheralhardware.Protectivefeaturessuchasan
internalWatchdogTimer,LowVoltageResetandLowVoltageDetectorcoupledwithexcellent
noiseimmunityandESDprotectionensurethatreliableoperationismaintainedinhostileelectrical
environments.AfullchoiceofHXT,LXT,ERC,HIRCandLIRCoscillatorfunctionsareprovided
includingafullyintegratedsystemoscillatorwhichrequiresnoexternalcomponentsforits
implementation.Theabilitytooperateandswitchdynamicallybetweenarangeofoperatingmodes
usingdifferentclocksourcesgivesuserstheabilitytooptimisemicrocontrolleroperationand
minimisepowerconsumption.
TheinclusionofflexibleI/Oprogrammingfeatures,Time-Basefunctionsalongwithmanyother
featuresensurethatthedeviceswillfindexcellentuseinapplicationssuchaselectronicmetering,
environmentalmonitoring,handheldinstruments,householdappliances,electronicallycontrolled
tools,motordrivinginadditiontomanyothers.
Selection Table
Mostfeaturesarecommontoalldevices.ThemainfeaturesdistinguishingthemareProgram
MemoryandDataMemorycapacity.Thefollowingtablesummarisesthemainfeaturesofeach
device.
Part No. Program
Memory
Data
Memory
Data
EEPROM I/O
External
Interrupt
A/D
Converter Timer Module
SIM SPIA Time
Base Comparators Stacks package
HT66F60A 16k × 16 10�4 × 8
1�8 × 8
61
4
1�-bit × 1�
10-bit CT� × �
16-bit ST� × �
10-bit ET� × 1
16
48/64
LQFP
HT66F70A ��k × 16 �048 × 8
1�8 × 8
61
4
1�-bit × 1�
10-bit CT� × �
16-bit ST� × �
10-bit ET� × 1
16
48/64
LQFP
Note:Asdevicesexistinmorethanonepackageformat,thetablereflectsthesituationforthepackagewiththe
mostpins.


Similar Part No. - HT66F60A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F60 HOLTEK-HT66F60 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F60 HOLTEK-HT66F60 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F60 HOLTEK-HT66F60 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F60 HOLTEK-HT66F60 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F60 HOLTEK-HT66F60 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
More results

Similar Description - HT66F60A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_13 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66FB30 HOLTEK-HT66FB30 Datasheet
210Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com