Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGJ2B2C0G1H102J050BA Datasheet(PDF) 11 Page - TDK Electronics

Part # CGJ2B2C0G1H102J050BA
Description  CGJ Series High Reliability Grade General (Up to 50V)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ2B2C0G1H102J050BA Datasheet(HTML) 11 Page - TDK Electronics

Back Button CGJ2B2C0G1H102J050BA Datasheet HTML 3Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 4Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 5Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 6Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 7Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 8Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 9Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 10Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 6.3V
220 nF
2012
1.25 ± 0.20
± 10%
CGJ4J2X7R0J224K125AA
330 nF
1608
0.80 ± 0.10
± 10%
CGJ3E2X7R0J334K080AA
2012
1.25 ± 0.20
± 10%
CGJ4J2X7R0J334K125AA
470 nF
1608
0.80 ± 0.10
± 10%
CGJ3E2X7R0J474K080AA
2012
1.25 ± 0.20
± 10%
CGJ4J2X7R0J474K125AA
680 nF
1608
0.80 ± 0.10
± 10%
CGJ3E2X7R0J684K080AA
2012
1.25 ± 0.20
± 10%
CGJ4J2X7R0J684K125AA
1 F
1608
0.80 ± 0.10
± 10%
CGJ3E2X7R0J105K080AA
2012
1.25 ± 0.20
± 10%
CGJ4J2X7R0J105K125AA
1.5 F
1608
0.80 ± 0.10
± 10%
CGJ3E1X7R0J155K080AC
2012
1.25 ± 0.20
± 10%
CGJ4J2X7R0J155K125AA
3216
1.60 +0.30/-0.10
± 10%
CGJ5L2X7R0J155K160AA
2.2 F
1608
0.80 ± 0.10
± 10%
CGJ3E1X7R0J225K080AC
2012
1.25 ± 0.20
± 10%
CGJ4J2X7R0J225K125AA
3216
1.60 +0.30/-0.10
± 10%
CGJ5L2X7R0J225K160AA
3.3 F
2012
1.25 ± 0.20
± 10%
CGJ4J2X7R0J335K125AA
3216
1.60 +0.30/-0.10
± 10%
CGJ5L2X7R0J335K160AA
4.7 F
2012
1.25 ± 0.20
± 10%
CGJ4J2X7R0J475K125AA
3216
1.60 +0.30/-0.10
± 10%
CGJ5L2X7R0J475K160AA
6.8 F
2012
1.25 ± 0.20
± 10%
CGJ4J1X7R0J685K125AC
3216
1.60 +0.30/-0.10
± 10%
CGJ5L2X7R0J685K160AA
10 F
2012
1.25 ± 0.20
± 10%
CGJ4J1X7R0J106K125AC
3216
1.60 +0.30/-0.10
± 10%
CGJ5L2X7R0J106K160AA
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
4.7 F
3225
2.30 ± 0.20
± 10%
CGJ6N3X7S1H475K230AB
6.8 F
3225
2.50 ± 0.30
± 10%
CGJ6P3X7S1H685K250AB
10 F
3225
2.50 ± 0.30
± 10%
CGJ6P3X7S1H106K250AB
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Class 2 (Temperature Stable)
Temperature Characteristics: X7S (-55 to +125ºC, ±22%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
Rated Voltage Edc: 10V
2.2 F
2012
1.25 ± 0.20
± 10%
CGJ4J3X7R1E225K125AB
CGJ4J2X7R1C225K125AA
CGJ4J2X7R1A225K125AA
3216
1.60 +0.30/-0.10
± 10%
CGJ5L3X7R1H225K160AB
CGJ5L2X7R1E225K160AA
CGJ5L2X7R1C225K160AA
CGJ5L2X7R1A225K160AA
3.3 F
2012
1.25 ± 0.20
± 10%
CGJ4J1X7R1E335K125AC
CGJ4J3X7R1C335K125AB
CGJ4J2X7R1A335K125AA
3216
1.60 +0.30/-0.10
± 10%
CGJ5L3X7R1E335K160AB
CGJ5L2X7R1C335K160AA
CGJ5L2X7R1A335K160AA
4.7 F
2012
1.25 ± 0.20
± 10%
CGJ4J1X7R1E475K125AC
CGJ4J3X7R1C475K125AB
CGJ4J2X7R1A475K125AA
3216
1.60 +0.30/-0.10
± 10%
CGJ5L3X7R1E475K160AB
CGJ5L2X7R1C475K160AA
CGJ5L2X7R1A475K160AA
6.8 F
3216
1.60 +0.30/-0.10
± 10%
CGJ5L2X7R1A685K160AA
10 F
3216
1.60 +0.30/-0.10
± 10%
CGJ5L2X7R1A106K160AA
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Page 10
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_highreliability_general_en


Similar Part No. - CGJ2B2C0G1H102J050BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ2B2C0G1H102J050BA TDK-CGJ2B2C0G1H102J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
CGJ2B2C0G1H102J050BA TDK-CGJ2B2C0G1H102J050BA_17 Datasheet
185Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGJ2B2C0G1H102J050BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R1E103K080AA TDK-CGJ3E2X7R1E103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E3X7R1C684K080AB TDK-CGJ3E3X7R1C684K080AB Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C473K080AA TDK-CGJ3E2X7R1C473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C334K080AA TDK-CGJ3E2X7R1C334K080AA Datasheet
140Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H104K080AA TDK-CGJ3E2X7R1H104K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R0J684K080AA TDK-CGJ3E2X7R0J684K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E333K080AA TDK-CGJ3E2X7R1E333K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E473K080AA TDK-CGJ3E2X7R1E473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H103K080AA TDK-CGJ3E2X7R1H103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1A105K080AA TDK-CGJ3E2X7R1A105K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com