Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66FM5230 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT66FM5230
Description  Brushless DC Motor Flash Type 8-Bit MCU
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FM5230 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT66FM5230 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66FM5230 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66FM5230 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66FM5230 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66FM5230 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66FM5230 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66FM5230 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66FM5230 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66FM5230 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 176 page
background image
Rev. 1.00
10
�a� 1�� �01�
Rev. 1.00
11
�a� 1�� �01�
HT66FM5230
Brushless DC Motor Flash Type 8-Bit MCU
Pin Name
Function
OP
I/T
O/T
Description
PB�/HCO/AN5
PB�
PBPU
ST
C�OS Bidirectional 8-bit I/O port. Register enabled pull-up.
HCO
PBPS0
C�OS Test pin for SC
AN5
PBPS0
AN
A/D channel 5
PB�/TCK0/C1N
PB�
PBPU
ST
C�OS Bidirectional 8-bit I/O port. Register enabled pull-up.
TCK0
PBPS0
ST
T�1 input
C1N
PBPS0
ST
Comparator 1 input
PC0/TP0_0/GAT
PC0
PCPU
ST
C�OS Bidirectional 8-bit I/O port. Register enabled pull-up.
TP0_0
PCPS0
ST
C�OS T�0 I/O
GAT
PCPS0
C�OS Pulse Width �odulation complimentar� output
PC1/TP0_1/GAB
PC1
PCPU
ST
C�OS Bidirectional 8-bit I/O port. Register enabled pull-up.
TP0_1
PCPS0
ST
C�OS T�0 I/O
GAB
PCPS0
C�OS Pulse Width �odulation complimentar� output
PC�/TP1_0/GBT
PC�
PCPU
ST
C�OS Bidirectional 8-bit I/O port. Register enabled pull-up.
TP1_0
PCPS0
ST
C�OS T�1 I/O
GBT
PCPS0
C�OS Pulse Width �odulation complimentar� output
PC�/TP1_1/GBB
PC�
PCPU
ST
C�OS Bidirectional 8-bit I/O port. Register enabled pull-up.
TP1_1
PCPS0
ST
C�OS T�1 I/O
GBB
PCPS0
C�OS Pulse Width �odulation complimentar� output
PC4/TP�_0/GCT
PC4
PCPU
ST
C�OS Bidirectional 8-bit I/O port. Register enabled pull-up.
TP�_0
PCPS1
ST
C�OS T�� I/O
GCT
PCPS1
C�OS Pulse Width �odulation complimentar� output
PC5/TP�_1/GCB
PC5
PCPU
ST
C�OS Bidirectional 8-bit I/O port. Register enabled pull-up.
TP�_1
PCPS1
ST
C�OS T�� I/O
GCB
PCPS1
C�OS Pulse Width �odulation complimentar� output
VSS
VSS
PWR
Negative power suppl�� ground
AVSS
AVSS
PWR
Ground connection for A/D converter. The VSS and
AVSS are the same pin at package
VDD
VDD
PWR
Positive power suppl�
AVDD
AVDD
PWR
Power suppl� connection for A/D converter. The VDD
and AVDD are the same pin at package
Note:I/T:Inputtype
O/T:Outputtype
OP:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power
ST:SchmittTriggerinput
CMOS:CMOSoutput;AN:Analoginputpin
VDDisthedevicepowersupplywhileAVDDistheADCpowersupply.
VSSisthedevicegroundpinwhileAVSSistheADCgroundpin.
AsthePinDescriptionSummarytableappliestothepackagetypewiththemostpins,notalloftheabove
listedpinsmaybepresentonpackagetypeswithsmallernumbersofpins.


Similar Part No. - HT66FM5230

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66FM5240 HOLTEK-HT66FM5240 Datasheet
6Mb / 190P
   Brushless DC Motor Flash MCU
HT66FM5242 HOLTEK-HT66FM5242 Datasheet
6Mb / 169P
   Brushless DC Motor Flash MCU
More results

Similar Description - HT66FM5230

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45FM03B HOLTEK-HT45FM03B Datasheet
559Kb / 83P
   Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C HOLTEK-HT45FM2C Datasheet
5Mb / 171P
   Brushless DC Motor Flash Type 8-Bit MCU
HT45FM03B HOLTEK-HT45FM03B_10 Datasheet
642Kb / 83P
   Brushless DC Motor Flash Type 8-Bit MCU
HT45RM03 HOLTEK-HT45RM03 Datasheet
426Kb / 54P
   Brushless DC Motor Type 8-Bit OTP MCU
HT66FM5240 HOLTEK-HT66FM5240 Datasheet
6Mb / 190P
   Brushless DC Motor Flash MCU
HT66FM5242 HOLTEK-HT66FM5242 Datasheet
6Mb / 169P
   Brushless DC Motor Flash MCU
HT45FM30 HOLTEK-HT45FM30 Datasheet
6Mb / 188P
   Brushless DC Motor Flash MCU
HT66FM5440 HOLTEK-HT66FM5440 Datasheet
7Mb / 218P
   Brushless DC Motor A/D Flash MCU
HT45FH3T HOLTEK-HT45FH3T Datasheet
4Mb / 131P
   3D Glasses 8-bit Flash Type MCU
HT68F03M HOLTEK-HT68F03M Datasheet
125Kb / 13P
   1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com