Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKG57KX7T2W105K335JH Datasheet(PDF) 9 Page - TDK Electronics

Part # CKG57KX7T2W105K335JH
Description  CKG Series Commercial Grade MEGACAP Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKG57KX7T2W105K335JH Datasheet(HTML) 9 Page - TDK Electronics

Back Button CKG57KX7T2W105K335JH Datasheet HTML 2Page - TDK Electronics CKG57KX7T2W105K335JH Datasheet HTML 3Page - TDK Electronics CKG57KX7T2W105K335JH Datasheet HTML 4Page - TDK Electronics CKG57KX7T2W105K335JH Datasheet HTML 5Page - TDK Electronics CKG57KX7T2W105K335JH Datasheet HTML 6Page - TDK Electronics CKG57KX7T2W105K335JH Datasheet HTML 7Page - TDK Electronics CKG57KX7T2W105K335JH Datasheet HTML 8Page - TDK Electronics CKG57KX7T2W105K335JH Datasheet HTML 9Page - TDK Electronics CKG57KX7T2W105K335JH Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
3.3 F
3225
3.35 ± 0.10
± 10%
CKG32KX7S2A335K335AH
± 20%
CKG32KX7S2A335M335AH
4532
2.90 ± 0.10
± 10%
CKG45KX7S2A335K290JH
± 20%
CKG45KX7S2A335M290JH
4.7 F
3225
3.35 ± 0.10
± 10%
CKG32KX7S2A475K335AH CKG32KX7S1H475K335AH
± 20%
CKG32KX7S2A475M335AH CKG32KX7S1H475M335AH
4532
2.90 ± 0.10
± 10%
CKG45KX7S2A475K290JH
CKG45KX7S1H475K290JH
± 20%
CKG45KX7S2A475M290JH CKG45KX7S1H475M290JH
6.8 F
3225
3.35 ± 0.10
± 10%
CKG32KX7S1H685K335AH
± 20%
CKG32KX7S1H685M335AH
4532
5.00 ± 0.50
± 20%
CKG45NX7S2A685M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7S2A685K335JH
± 20%
CKG57KX7S2A685M335JH
10 F
3225
3.35 ± 0.10
± 10%
CKG32KX7S1H106K335AH
± 20%
CKG32KX7S1H106M335AH
4532
5.00 ± 0.50
± 20%
CKG45NX7S2A106M500JH CKG45NX7S1H106M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7S2A106K335JH
CKG57KX7S1H106K335JH
± 20%
CKG57KX7S2A106M335JH CKG57KX7S1H106M335JH
15 F
5750
3.35 ± 0.15
± 20%
CKG57KX7S2A156M335JH
22 F
4532
2.90 ± 0.10
± 20%
CKG45KX7S1C226M290JH
5750
5.00 ± 0.50
± 20%
CKG57NX7S2A226M500JH CKG57NX7S1H226M500JH
47 F
4532
5.00 ± 0.50
± 20%
CKG45NX7S1C476M500JH
5750
3.35 ± 0.15
± 20%
CKG57KX7S1C476M335JH
5.00 ± 0.50
± 20%
CKG57NX7S1E476M500JH
100 F
5750
5.00 ± 0.50
± 20%
CKG57NX7S1C107M500JH
Class 2 (Temperature Stable)
Temperature Characteristics: X7S (-55 to +125ºC, ±22%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
4.7 F
3225
3.35 ± 0.10
± 10%
CKG32KX7R1E475K335AH
± 20%
CKG32KX7R1E475M335AH
4532
2.90 ± 0.10
± 10%
CKG45KX7R1E475K290JH
± 20%
CKG45KX7R1E475M290JH
5.00 ± 0.50
± 20%
CKG45NX7R2A475M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7R2A475K335JH CKG57KX7R1H475K335JH
± 20%
CKG57KX7R2A475M335JH CKG57KX7R1H475M335JH
5.00 ± 0.50
± 20%
CKG57NX7R2A475M500JH
6.8 F
4532
5.00 ± 0.50
± 20%
CKG45NX7R1H685M500JH
10 F
3225
3.35 ± 0.10
± 10%
CKG32KX7R1E106K335AH
± 20%
CKG32KX7R1E106M335AH
4532
2.90 ± 0.10
± 10%
CKG45KX7R1C106K290JH
± 20%
CKG45KX7R1C106M290JH
5.00 ± 0.50
± 20%
CKG45NX7R1E106M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7R1E106K335JH
± 20%
CKG57KX7R1E106M335JH
5.00 ± 0.50
± 20%
CKG57NX7R2A106M500JH CKG57NX7R1H106M500JH
15 F
5750
3.35 ± 0.15
± 20%
CKG57KX7R1C156M335JH
22 F
4532
2.90 ± 0.10
± 20%
CKG45KX7R1C226M290JH
5.00 ± 0.50
± 20%
CKG45NX7R1C226M500JH
5750
3.35 ± 0.15
± 20%
CKG57KX7R1E226M335JH
5.00 ± 0.50
± 20%
CKG57NX7R1E226M500JH
33 F
5750
5.00 ± 0.50
± 20%
CKG57NX7R1C336M500JH
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Page 8
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_commercial_megacap_en
• All specifications are subject to change without notice.


Similar Part No. - CKG57KX7T2W105K335JH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKG57KX7T2W105K335JH TDK-CKG57KX7T2W105K335JH_16 Datasheet
140Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKG57KX7T2W105K335JH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKG45KX7S2A335M290JH TDK-CKG45KX7S2A335M290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7S2A475K290JH TDK-CKG45KX7S2A475K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1E475M290JH TDK-CKG45KX7R1E475M290JH Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7T2E105K290JH TDK-CKG45KX7T2E105K290JH_16 Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1H335K290JH TDK-CKG45KX7R1H335K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1H335M290JH TDK-CKG45KX7R1H335M290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2E474K290JH TDK-CKG45KX7R2E474K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7S2A335K290JH TDK-CKG45KX7S2A335K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2A225M290JH TDK-CKG45KX7R2A225M290JH_16 Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2J104K290JH TDK-CKG45KX7R2J104K290JH Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com