Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68FB550 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT68FB550
Description  I/O Flash USB 8-Bit MCU with SPI
Download  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68FB550 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT68FB550 Datasheet HTML 3Page - Holtek Semiconductor Inc HT68FB550 Datasheet HTML 4Page - Holtek Semiconductor Inc HT68FB550 Datasheet HTML 5Page - Holtek Semiconductor Inc HT68FB550 Datasheet HTML 6Page - Holtek Semiconductor Inc HT68FB550 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68FB550 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68FB550 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68FB550 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68FB550 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 199 page
background image
Rev. 1.10
6
��ne 10� �01�
Rev. 1.10
7
��ne 10� �01�
HT68FB540/HT68FB550/HT68FB560
I/O Flash USB 8-Bit MCU with SPI
HT68FB540/HT68FB550/HT68FB560
I/O Flash USB 8-Bit MCU with SPI
• Lowvoltagedetectfunction
• Widerangeofavailablepackagetypes
• Flashprogrammemorycanbere-programmedupto1,000,000times
• Flashprogrammemorydataretenton>10years
• SupportInSystemProgrammingfunction-ISP
• Partiallockfunction
General Description
TheHT68FB540,HT68FB550andHT68FB560areFlashMemoryI/OwithUSBtype8-bithigh
performanceRISCarchitecturemicrocontrollers,designedforapplicationsthatinterfacedirectly
towhichrequireanUSBinterface.OfferinguserstheconvenienceofFlashMemorymulti-
programmingfeatures,thesedevicesalsoincludeawiderangeoffunctionsandfeatures.Other
memoryincludesanareaofRAMDataMemory.
MultipleandextremelyflexibleTimerModulesprovidetiming,pulsegenerationandPWMgeneration
functions.CommunicationwiththeoutsideworldiscateredforbyincludingfullyintegratedSPI,I2C
andUSBinterfacefunctions,threepopularinterfaceswhichprovidedesignerswithameansofeasy
communicationwithexternalperipheralhardware.ProtectivefeaturessuchasaninternalWatchdog
Timer,LowVoltageResetandLowVoltageDetectorcoupledwithexcellentnoiseimmunityandESD
protectionensurethatreliableoperationismaintainedinhostileelectricalenvironments.Theexternal
interruptcanbetriggeredwithfallingedgesorbothfallingandrisingedges.
Afullchoiceofthreeoscillatorfunctionsareprovidedincludingtwofullyintegratedsystem
oscillatorswhichrequiresnoexternalcomponentsfortheirimplementation.Theabilitytooperate
andswitchdynamicallybetweenarangeofoperatingmodesusingdifferentclocksourcesgives
userstheabilitytooptimizemicrocontrolleroperationandminimizepowerconsumption.
TheinclusionofflexibleI/Oprogrammingfeaturesalongwithmanyotherfeaturesensurethatthe
deviceswillfindspecificexcellentuseinawiderangeofapplicationpossibilitiessuchasmotor
driving,industrialcontrol,consumerproducts,subsystemcontrollers,etc.
ThedevicesarefullysupportedbytheHoltekrangeoffullyfunctionaldevelopmentand
programmingtools,providingameansforfastandefficientproductdevelopmentcycles.


Similar Part No. - HT68FB550

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68FB50 HOLTEK-HT68FB50 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
More results

Similar Description - HT68FB550

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
BC68FB540 HOLTEK-BC68FB540 Datasheet
7Mb / 200P
   I/O Flash USB 8-Bit MCU with 2.4GHz RF Transceiver
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
HT66FB540 HOLTEK-HT66FB540 Datasheet
6Mb / 245P
   A/D Flash USB 8-Bit MCU with SPI
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com