Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7024A-1 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT7024A-1
Description  TinyPowerTM Voltage Detector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7024A-1 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT7024A-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HT70xxA-1
Rev.2.00
8
April30,2013
· with5Vvoltageregulator
ChangeofDetectableVoltage
If the required voltage is not found in the standard
product selection table, it is possible to change it by
usingexternalresistancedividersordiodes.
· Varying the detectable voltage with a resistance di-
vider
Detectablevoltage=
R + R
R
A
B
B
´ VDET
Hysteresis width=
R + R
R
A
B
B
´ VHYS
· Varyingthedetectablevoltagewithadiode
DetectableVoltage=Vf1+Vf2+VDET
MalfunctionAnalysis
The following circuit demonstrates the way a circuit
analyzes malfunctions by monitoring the variation or
spikenoiseofpowersupplyvoltage.
ChargeMonitoringCircuit
The following circuit shows a charged monitor for
p r o t e c t i o n a g a i n s t b a t t e r y d e t e r i o r a t i o n b y
overcharging. When the voltage of the battery is higher
than the set detectable voltage, the transistor turns on to
bypass the charge current, protecting the battery from
overcharging.
H T 7 0 4 4 A - 1
V S S
V D D
H T 7 1 5 0 - 1
V O U T
V I N
G N D
5 V
5 V V o l t a g e r e g u l a t o r
H T 7 0 x x A - 1
V S S
V I N
V S S
V O U T
V D D
R A
R B
H T 7 0 x x A - 1
V D D
V I N
V S S
V f 1
V f 2
V O U T
V S S
H T 7 0 x x A - 1
V O U T
V S S
V D D
V S S
H T 7 0 x x A - 1
V D D
V O U T
V S S
L o a d
B A T T
S o l a r
C e l l
T r


Similar Part No. - HT7024A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7024A-1 HOLTEK-HT7024A-1 Datasheet
161Kb / 16P
   TinyPower Voltage Detector
More results

Similar Description - HT7024A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
143Kb / 17P
   TinyPowerTM Voltage Detector
HT70XXA-3 HOLTEK-HT70XXA-3 Datasheet
1Mb / 15P
   TinyPowerTM Voltage Detector
HT70XXA-2 HOLTEK-HT70XXA-2 Datasheet
144Kb / 17P
   TinyPowerTM Voltage Detector
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com