Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN1017K8X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FIN1017K8X
Description  3.3V LVDS 1-Bit High Speed Differential Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1017K8X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FIN1017K8X Datasheet HTML 1Page - Fairchild Semiconductor FIN1017K8X Datasheet HTML 2Page - Fairchild Semiconductor FIN1017K8X Datasheet HTML 3Page - Fairchild Semiconductor FIN1017K8X Datasheet HTML 4Page - Fairchild Semiconductor FIN1017K8X Datasheet HTML 5Page - Fairchild Semiconductor FIN1017K8X Datasheet HTML 6Page - Fairchild Semiconductor FIN1017K8X Datasheet HTML 7Page - Fairchild Semiconductor FIN1017K8X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 4: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (DIN)
−0.5V to +6V
DC Output Voltage (DOUT)
−0.5V to +4.7V
Driver Short Circuit Current (IOSD)
Continuous
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
≥ 6500V
ESD (Bus Pins DOUT+/DOUT− to GND)
≥ 10500V
ESD (Machine Model)
≥ 350V
Supply Voltage (VCC)
3.0V to 3.6V
Input Voltage (VIN)
0 to VCC
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VOD
Output Differential Voltage
RL = 100 Ω, See Figure 1
250
350
450
mV
∆V
OD
VOD Magnitude Change from
25
mV
Differential LOW-to-HIGH
VOS
Offset Voltage
1.125
1.25
1.375
V
∆V
OS
Offset Magnitude Change from
25
mV
Differential LOW-to-HIGH
IOFF
Power-Off Output Current
VCC = 0V, VOUT = 0V or 3.6V
±20
µA
IOS
Short Circuit Output Current
VOUT = 0V
−8
mA
VOD = 0V
±8
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
GND
0.8
V
IIN
Input Current
VIN = 0V or VCC
±20
µA
II(OFF)
Power-Off Input Current
VCC = 0V, VIN = 0V or 3.6V
±20
µA
VIK
Input Clamp Voltage
IIK = −18 mA
−1.5
V
ICC
Power Supply Current
No Load, VIN = 0V or VCC
8mA
RL = 100 Ω, VIN = 0V or VCC
10
mA
CIN
Input Capacitance
4pF
COUT
Output Capacitance
6pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLHD
Differential Propagation Delay
0.5
1.5
ns
LOW-to-HIGH
tPHLD
Differential Propagation Delay
0.5
1.5
ns
HIGH-to-LOW
RL = 100 Ω, CL = 10pF,
tTLHD
Differential Output Rise Time (20% to 80%) See Figure 2 and Figure 3
0.4
1.0
ns
tTHLD
Differential Output Fall Time (80% to 20%)
0.4
1.0
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.5
ns
tSK(PP)
Part-to-Part Skew (Note 4)
1.0
ns


Similar Part No. - FIN1017K8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1017K8X ONSEMI-FIN1017K8X Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
More results

Similar Description - FIN1017K8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com