Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012C0G2E122J085AA Datasheet(PDF) 2 Page - TDK Electronics

Part # C2012C0G2E122J085AA
Description  C Series Commercial Grade Mid Voltage (100 to 630V)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012C0G2E122J085AA Datasheet(HTML) 2 Page - TDK Electronics

  C2012C0G2E122J085AA Datasheet HTML 1Page - TDK Electronics C2012C0G2E122J085AA Datasheet HTML 2Page - TDK Electronics C2012C0G2E122J085AA Datasheet HTML 3Page - TDK Electronics C2012C0G2E122J085AA Datasheet HTML 4Page - TDK Electronics C2012C0G2E122J085AA Datasheet HTML 5Page - TDK Electronics C2012C0G2E122J085AA Datasheet HTML 6Page - TDK Electronics C2012C0G2E122J085AA Datasheet HTML 7Page - TDK Electronics C2012C0G2E122J085AA Datasheet HTML 8Page - TDK Electronics C2012C0G2E122J085AA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
SAFETY REMINDERS
REMINDERS
Please read before using this product
Notice : Effective January 2013, TDK will use a new catalog part number which adds product thickness and
packaging specification detail. This new part number should be referenced on all catalog orders going
forward, and is not applicable for OEM part number orders. Please be aware the last five digits of the TDK
catalog part number will differ from the TDK item description (internal control number) on the product label.
Contact your local TDK Sales representative for more information.
(Example)
Catalog Issued date
TDK Part Number (In Catalog)
TDK Item Description (On Delivery Label)
Prior to January 2013
C1608C0G1E103J
C1608C0G1E103JT000N
January 2013 and Later
C1608C0G1E103J080AA
C1608C0G1E103JT000N
1.
If you intend to use a product listed in this catalog for a purpose that may cause loss of life or other damage,
you must contact our company’s sales window.
2.
We may modify products or discontinue production of a product listed in this catalog without prior notification.
3.
We provide “Delivery Specification” that explain precautions for the specifications and safety of each product
listed in this catalog. We strongly recommend that you exchange these delivery specifications with customers
that use one of these products.
4.
If you plan to export a product listed in this catalog, keep in mind that it may be a restricted item according
to the “Foreign Exchange and Foreign Trade Control Law”. In such cases, it is necessary to acquire export
permission in harmony with this law.
5.
Any reproduction or transferring of the contents of this catalog is prohibited without prior permission from our
company.
6.
We are not responsible for problems that occur related to the intellectual property rights or other rights of our
company or a third party when you use a product listed in this catalog. We do not grant license of these rights.
7.
This catalog only applies to products purchased through our company or one of our company’s official agencies.
This catalog does not apply to products that are purchased through other third parties.
REMINDERS
Page 1
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_commercial_midvoltage_en


Similar Part No. - C2012C0G2E122J085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012C0G2E122J085AA TDK-C2012C0G2E122J085AA_16 Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C2012C0G2E122J085AA TDK-C2012C0G2E122J085AA_17 Datasheet
186Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012C0G2E122J085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X7R2A225M TDK-C3225X7R2A225M Datasheet
132Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A101J050BA TDK-C1005CH2A101J050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A121K050BA TDK-C1005CH2A121K050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A151K050BA TDK-C1005CH2A151K050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A391K050BA TDK-C1005CH2A391K050BA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A471K050BA TDK-C1005CH2A471K050BA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A102M050BB TDK-C1005X7S2A102M050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A332K050BB TDK-C1005X7S2A332K050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A332M050BB TDK-C1005X7S2A332M050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A472M050BB TDK-C1005X7S2A472M050BB Datasheet
139Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com