Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012C0G2E152J085AA Datasheet(PDF) 10 Page - TDK Electronics

Part # C2012C0G2E152J085AA
Description  C Series Commercial Grade Mid Voltage (100 to 630V)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012C0G2E152J085AA Datasheet(HTML) 10 Page - TDK Electronics

Back Button C2012C0G2E152J085AA Datasheet HTML 6Page - TDK Electronics C2012C0G2E152J085AA Datasheet HTML 7Page - TDK Electronics C2012C0G2E152J085AA Datasheet HTML 8Page - TDK Electronics C2012C0G2E152J085AA Datasheet HTML 9Page - TDK Electronics C2012C0G2E152J085AA Datasheet HTML 10Page - TDK Electronics C2012C0G2E152J085AA Datasheet HTML 11Page - TDK Electronics C2012C0G2E152J085AA Datasheet HTML 12Page - TDK Electronics C2012C0G2E152J085AA Datasheet HTML 13Page - TDK Electronics C2012C0G2E152J085AA Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
• All specifications are subject to change without notice.
EIA CC1812 [C4532]
C0G
CH
JB
2J
(630V)
2E
(250V)
2A
(100V)
2J
(630V)
2E
(250V)
2A
(100V)
2J
(630V)
2E
(250V)
2A
(100V)
822
103
153
223
333
473
683
104
154
224
334
684
105
155
225
8,200
10,000
15,000
22,000
33,000
47,000
68,000
100,000
150,000
220,000
330,000
680,000
1,000,000
1,500,000
2,200,000
1.60 mm
2.00 mm
2.30 mm
2.50 mm
3.20 mm
X5R
X7R
X7S
X7T
2J
(630V)
2E
(250V)
2J
(630V)
2E
(250V)
2A
(100V)
2A
(100V)
2J
(630V)
2W
(450V)
2E
(250V)
683
104
154
224
304
334
474
684
105
155
225
335
475
68,000
100,000
150,000
220,000
300,000
330,000
470,000
680,000
1,000,000
1,500,000
2,200,000
3,300,000
4,700,000
1.60 mm
2.00 mm
2.30 mm
2.50 mm
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), CH (0 ± 60ppm/ºC), JB (±10%)
Rated Voltage: 630V (2J), 250V (2E), 100V (2A)
Capacitance
(pF)
Code
Tolerance
J: ± 5%
K: ± 10%
M: ± 20%
Standard Thickness
Capacitance Range Chart
Temperature Characteristics: X5R (±15%), X7R (±15%), X7S (±22%), X7T(+22%/-33%)
Rated Voltage: 630V (2J), 450V (2W), 250V (2E), 100V (2A)
Capacitance
(pF)
Code
Tolerance
K: ± 10%
M: ± 20%
Standard Thickness
Page 9
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_commercial_midvoltage_en


Similar Part No. - C2012C0G2E152J085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012C0G2E152J085AA TDK-C2012C0G2E152J085AA_16 Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C2012C0G2E152J085AA TDK-C2012C0G2E152J085AA_17 Datasheet
186Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012C0G2E152J085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X7R2A225M TDK-C3225X7R2A225M Datasheet
132Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A101J050BA TDK-C1005CH2A101J050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A121K050BA TDK-C1005CH2A121K050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A151K050BA TDK-C1005CH2A151K050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A391K050BA TDK-C1005CH2A391K050BA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A471K050BA TDK-C1005CH2A471K050BA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A102M050BB TDK-C1005X7S2A102M050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A332K050BB TDK-C1005X7S2A332K050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A332M050BB TDK-C1005X7S2A332M050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A472M050BB TDK-C1005X7S2A472M050BB Datasheet
139Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com