Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7082A-3 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7082A-3
Description  TinyPowerTM Voltage Detector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7082A-3 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7082A-3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7082A-3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7082A-3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7082A-3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7082A-3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7082A-3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7082A-3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7082A-3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7082A-3 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Rev. 1.00
6
April 18, 2013
HT70xxA-3
Detection Voltage vs Temperature
2
2.1
2.2
2.3
2.4
2.5
2.6
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7022A-3
Falling Curve
Rising Curve
Hysteresis Width vs Temperature
0.00
0.05
0.10
0.15
0.20
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7022A-3
Operating Current vs Temperature
0
0.5
1
1.5
2
2.5
3
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7022A-3
VDD=3.2V
Output Sink Current vs Temperature
0
1
2
3
4
5
6
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7022A-3
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7050A-3
Falling Curve
Rising Curve
0
0.1
0.2
0.3
0.4
0.5
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7050A-3
0
0.5
1
1.5
2
2.5
3
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7050A-3
VDD=6V
0
2
4
6
8
10
12
14
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7050A-3
Typical Performance Characteristics


Similar Part No. - HT7082A-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7082A-2 HOLTEK-HT7082A-2 Datasheet
143Kb / 17P
   TinyPowerTM Voltage Detector
HT7082A-2 HOLTEK-HT7082A-2 Datasheet
144Kb / 17P
   TinyPowerTM Voltage Detector
More results

Similar Description - HT7082A-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
143Kb / 17P
   TinyPowerTM Voltage Detector
HT70XXA-2 HOLTEK-HT70XXA-2 Datasheet
144Kb / 17P
   TinyPowerTM Voltage Detector
HT70XXA-1 HOLTEK-HT70XXA-1_13 Datasheet
558Kb / 15P
   TinyPowerTM Voltage Detector
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com