Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2700 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPX2700
Description  0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2700 Datasheet(HTML) 3 Page - Motorola, Inc

  MPX2700 Datasheet HTML 1Page - Motorola, Inc MPX2700 Datasheet HTML 2Page - Motorola, Inc MPX2700 Datasheet HTML 3Page - Motorola, Inc MPX2700 Datasheet HTML 4Page - Motorola, Inc MPX2700 Datasheet HTML 5Page - Motorola, Inc MPX2700 Datasheet HTML 6Page - Motorola, Inc MPX2700 Datasheet HTML 7Page - Motorola, Inc MPX2700 Datasheet HTML 8Page - Motorola, Inc MPX2700 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MPX2700 SERIES
3
Motorola Sensor Device Data
LINEARITY
Linearity refers to how well a transducer’s output follows
the equation: Vout = Voff + sensitivity x P over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end point straight line fit or (2) a least
squares best line fit (see Figure 3). While a least squares fit
gives the “best case” linearity error (lower numerical value),
the calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the
calculations are more straightforward for the user. Motorola’s
specified pressure sensor linearities are based on the end
point straight line method measured at the midrange
pressure.
Figure 2. Linearity Specification Comparison
LEAST
SQUARE
DEVIATION
PRESSURE (% FULLSCALE)
0
50
100
END POINT
STRAIGHT LINE FIT
EXAGGERATED
PERFORMANCE
CURVE
LEAST SQUARES FIT
STRAIGHT LINE
DEVIATION
OFFSET
ON–CHIP TEMPERATURE COMPENSATION and CALIBRATION
Figure 3 shows the output characteristics of the MPX2700
series at 25
°C. The output is directly proportional to the dif-
ferential pressure and is essentially a straight line.
The effects of temperature on Full–Scale Span and Offset
are very small and are shown under Operating Characteris-
tics.
Figure 3. Output versus Pressure Differential
Figure 4. Cross–Section of Differential Pressure
Sensor Die in Its Basic Package (Not to Scale)
SILICONE
DIE COAT
WIRE BOND
LEAD
FRAME
DIE
STAINLESS STEEL
METAL COVER
RTV DIE
BOND
EPOXY CASE
P1
P2
50
40
30
20
10
–5
20
140
40
280
60
420
100
700
SPAN
RANGE
(TYP)
OFFSET
PSI
kPa
VS = 10 V
TA = 25°C
P1 > P2
MAX
TYP
MIN
0
80
560
Figure 4 shows the cross section of the Motorola MPX
pressure sensor die in the chip carrier package. A silicone
gel isolates the die surface and wire bonds from the
environment, while allowing the pressure signal to be
transmitted to the silicon diaphragm. MPX2700 series
pressure sensor operating characteristics and internal reli-
ability and qualification tests are based on use of dry air as
the pressure media. Media other than dry air may have
adverse effects on sensor performance and long term
reliability. Contact the factory for information regarding media
compatibility in your application.


Similar Part No. - MPX2700

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2700A MOTOROLA-MPX2700A Datasheet
164Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPX2700AP MOTOROLA-MPX2700AP Datasheet
164Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPX2700ASX MOTOROLA-MPX2700ASX Datasheet
164Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
More results

Similar Description - MPX2700

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX700 MOTOROLA-MPX700 Datasheet
175Kb / 8P
   0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX7100 MOTOROLA-MPX7100 Datasheet
193Kb / 10P
   0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2100 MOTOROLA-MPX2100 Datasheet
194Kb / 10P
   0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7200 MOTOROLA-MPX7200 Datasheet
179Kb / 8P
   0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2200 MOTOROLA-MPX2200 Datasheet
171Kb / 8P
   0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7050 MOTOROLA-MPX7050 Datasheet
191Kb / 10P
   0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX200 MOTOROLA-MPX200 Datasheet
179Kb / 8P
   0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com