Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGJ3E2C0G1H822J080AA Datasheet(PDF) 6 Page - TDK Electronics

Part # CGJ3E2C0G1H822J080AA
Description  CGJ Series High Reliability Grade General (Up to 50V)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ3E2C0G1H822J080AA Datasheet(HTML) 6 Page - TDK Electronics

Back Button CGJ3E2C0G1H822J080AA Datasheet HTML 2Page - TDK Electronics CGJ3E2C0G1H822J080AA Datasheet HTML 3Page - TDK Electronics CGJ3E2C0G1H822J080AA Datasheet HTML 4Page - TDK Electronics CGJ3E2C0G1H822J080AA Datasheet HTML 5Page - TDK Electronics CGJ3E2C0G1H822J080AA Datasheet HTML 6Page - TDK Electronics CGJ3E2C0G1H822J080AA Datasheet HTML 7Page - TDK Electronics CGJ3E2C0G1H822J080AA Datasheet HTML 8Page - TDK Electronics CGJ3E2C0G1H822J080AA Datasheet HTML 9Page - TDK Electronics CGJ3E2C0G1H822J080AA Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
• All specifications are subject to change without notice.
CGJ4(2012) [EIA CC0805]
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), X7R (±15%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Capacitance
(pF)
Code
Tolerance
C0G
X7R
1H
(50V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
153
223
333
473
683
104
154
224
334
474
684
105
155
225
335
475
685
106
100
120
150
180
220
270
330
390
470
560
680
820
1,000
1,200
1,500
1,800
2,200
2,700
3,300
3,900
4,700
5,600
6,800
8,200
10,000
15,000
22,000
33,000
47,000
68,000
100,000
150,000
220,000
330,000
470,000
680,000
1,000,000
1,500,000
2,200,000
3,300,000
4,700,000
6,800,000
10,000,000
0.60 mm
0.85 mm
1.25 mm
J: ± 5%
K: ± 10%
Standard Thickness
Page 5
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_highreliability_general_en


Similar Part No. - CGJ3E2C0G1H822J080AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2C0G1H822J080AA TDK-CGJ3E2C0G1H822J080AA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
CGJ3E2C0G1H822J080AA TDK-CGJ3E2C0G1H822J080AA_17 Datasheet
185Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGJ3E2C0G1H822J080AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R1E103K080AA TDK-CGJ3E2X7R1E103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E3X7R1C684K080AB TDK-CGJ3E3X7R1C684K080AB Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C473K080AA TDK-CGJ3E2X7R1C473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C334K080AA TDK-CGJ3E2X7R1C334K080AA Datasheet
140Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H104K080AA TDK-CGJ3E2X7R1H104K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R0J684K080AA TDK-CGJ3E2X7R0J684K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E333K080AA TDK-CGJ3E2X7R1E333K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E473K080AA TDK-CGJ3E2X7R1E473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H103K080AA TDK-CGJ3E2X7R1H103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1A105K080AA TDK-CGJ3E2X7R1A105K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com