Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7521-3 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7521-3
Description  100mA Low Power LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7521-3 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7521-3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7521-3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7521-3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7521-3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7521-3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7521-3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7521-3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7521-3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7521-3 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Rev. 1.00
6
April 18, 2013
HT75xx-3
HT7536-3, +3.6V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Conditions
VIN
Input Voltage
30
V
VOUT
Output Voltage Tolerance VIN=VOUT+2V, IOUT=10mA
3.528
3.600
3.672
V
IOUT
Output Current
VIN=VOUT+2V
70
100
mA
∆VOUT
Load Regulation
VIN=VOUT+2V, 1mA≤IOUT≤50mA
25
60
mV
VDIF
Dropout Voltage
IOUT=1mA, ∆VO=2%
25
55
mV
ISS
Quiescent Current
No load
1.0
1.5
μA
D V OU T
D V IN ´ V OU T
Line Regulation
VO+1V≤VIN≤30V, IOUT=1mA
0.2
%/V
D V OU T
D T a ´ V OU T
Temperature Coefficient
IOUT=10mA, -40°C<Ta<85°C
100
ppm/°C
Note:Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN=VOUT+2Vwithafixedload.
HT7540-3, +4.0V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Conditions
VIN
Input Voltage
30
V
VOUT
Output Voltage Tolerance VIN=VOUT+2V, IOUT=10mA
3.920
4.000
4.080
V
IOUT
Output Current
VIN=VOUT+2V
70
100
mA
∆VOUT
Load Regulation
VIN=VOUT+2V, 1mA≤IOUT≤50mA
25
60
mV
VDIF
Dropout Voltage
IOUT=1mA, ∆VO=2%
25
55
mV
ISS
Quiescent Current
No load
1.0
1.5
μA
D V OU T
D V IN ´ V OU T
Line Regulation
VO+1V≤VIN≤30V, IOUT=1mA
0.2
%/V
D V OU T
D T a ´ V OU T
Temperature Coefficient
IOUT=10mA, -40°C<Ta<85°C
100
ppm/°C
Note:Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN=VOUT+2Vwithafixedload.


Similar Part No. - HT7521-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7521-1 HOLTEK-HT7521-1 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
HT7521-2 HOLTEK-HT7521-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
   30V, 100mA TinyPowerTM LDO with Protections
More results

Similar Description - HT7521-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
logo
Sirectifier Semiconduct...
BL6312R SIRECTIFIER-BL6312R Datasheet
257Kb / 8P
   100mA Low Power LDO
logo
SHANGHAI BELLING CO., L...
BL91XX BELLING-BL91XX Datasheet
449Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7530-2 HOLTEK-HT7530-2 Datasheet
96Kb / 9P
   100mA Low Power LDO
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com