Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14667 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14667
Description  Dual USB Charger Adapter Emulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14667 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14667 Datasheet HTML 1Page - Maxim Integrated Products MAX14667 Datasheet HTML 2Page - Maxim Integrated Products MAX14667 Datasheet HTML 3Page - Maxim Integrated Products MAX14667 Datasheet HTML 4Page - Maxim Integrated Products MAX14667 Datasheet HTML 5Page - Maxim Integrated Products MAX14667 Datasheet HTML 6Page - Maxim Integrated Products MAX14667 Datasheet HTML 7Page - Maxim Integrated Products MAX14667 Datasheet HTML 8Page - Maxim Integrated Products MAX14667 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(VCC = 5.0V, TA = +25°C, unless otherwise noted.)
DP_/DM_ SHORT ON-RESISTANCE
vs. VDP_
VDP_ (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
2
4
6
8
10
0
0.5
5.5
IDP_ = 10mA
VCC = 5.5V
VCC = 3.0V
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC (V)
5.0
4.5
3.5
4.0
10
20
30
40
60
50
70
80
0
3.0
5.5
CB_ = VCC
TA = -40°C
TA = +25°C
TA = +85°C
SUPPLY CURRENT
vs. LOGIC LEVEL
VCB_
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
20
40
60
80
100
120
140
0
0
5.5
VCC = 5.5V
VCB1 OR VCB2 = 0V
LOGIC-INPUT THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
3.0
5.5
CB_ FALLING
CB_ RISING
USB-COMPLIANT DEVICE
ATTACH EVENT
MAX14667 toc05
1ms/div
PURPLE LINE = DP_
BLUE LINE = DM_
CB LOGIC HIGH TO LOGIC
LOW EVENT
MAX14667 toc06
10µs/div
TRACE 1: CB_
TRACE 2: DP_
TRACE 3: DM_
CH1 Ampl
5.30V
CH2 Ampl
680mV
MAX14667
Dual USB Charger Adapter Emulator
MaximIntegrated│ 4
www.maximintegrated.com
Typical Operating Characteristics


Similar Part No. - MAX14667

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14661 MAXIM-MAX14661 Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
MAX14661ETI++ MAXIM-MAX14661ETI+ Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
MAX14661ETI+T MAXIM-MAX14661ETI+T Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
MAX14662 MAXIM-MAX14662 Datasheet
1Mb / 23P
   Beyond-the-Rails 8 x SPST
Rev 1; 6/14
MAX14662EVKIT MAXIM-MAX14662EVKIT Datasheet
549Kb / 7P
   50廓 Controlled-Impedance Signal Traces
2017
More results

Similar Description - MAX14667

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14617 MAXIM-MAX14617 Datasheet
2Mb / 13P
   USB Host Charger Identification/Adapter Emulator
19-6045; Rev 1; 2/12
logo
Analog Devices
MAX25460 AD-MAX25460 Datasheet
1Mb / 48P
   Automotive 1.5A Step-Down Converter with USB Protection/Host Charger Adapter Emulator
19-101710; Rev 0; 6/23
logo
Shenzhen Huazhimei Semi...
HM2514 HMSEMI-HM2514 Datasheet
521Kb / 6P
   USB Charger Emulator with Adjustable Power Switch
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
MAX16984 MAXIM-MAX16984 Datasheet
396Kb / 7P
   Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 6; 5/18
MAX16984A MAXIM-MAX16984A Datasheet
988Kb / 36P
   Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 2; 12/20
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
logo
Maxim Integrated Produc...
MAX14600 MAXIM-MAX14600_V01 Datasheet
1Mb / 16P
   USB Host Charger Identification/ Adapter Emulators
2016
MAX14600 MAXIM-MAX14600_12 Datasheet
2Mb / 16P
   USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com