Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17058 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17058
Description  1-Cell/2-Cell Li ModelGauge ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17058 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17058_13 Datasheet HTML 3Page - Maxim Integrated Products MAX17058_13 Datasheet HTML 4Page - Maxim Integrated Products MAX17058_13 Datasheet HTML 5Page - Maxim Integrated Products MAX17058_13 Datasheet HTML 6Page - Maxim Integrated Products MAX17058_13 Datasheet HTML 7Page - Maxim Integrated Products MAX17058_13 Datasheet HTML 8Page - Maxim Integrated Products MAX17058_13 Datasheet HTML 9Page - Maxim Integrated Products MAX17058_13 Datasheet HTML 10Page - Maxim Integrated Products MAX17058_13 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MAX17058/MAX17059
1-Cell/2-Cell Li+ ModelGauge ICs
7
Maxim Integrated
Detailed Description
ModelGauge Theory of Operation
The MAX17058/MAX17059 ICs simulate the internal, non-
linear dynamics of a Li+ battery to determine its state of
charge (SOC). The sophisticated battery model consid-
ers impedance and the slow rate of chemical reactions in
the battery (Figure 2).
The ModelGauge algorithm performs best with a custom
model, obtained by characterizing the battery at multiple
discharge currents and temperatures to precisely model
it. Contact Maxim if you need a custom model. At power-
on reset (POR), the ICs have a preloaded ROM model
that performs well for some batteries.
Fuel-Gauge Performance
In coulomb counter-based fuel gauges, SOC drifts
because offset error in the current-sense ADC measure-
ment accumulates over time. Instantaneous error can be
very small, but never precisely zero. Error accumulates
over time in such systems (typically 0.5%–2% per day)
and requires periodic corrections. Some algorithms cor-
rect drift using occasional events, and until such an event
occurs the algorithm’s error is boundless:
• Reaching predefined SOC levels near full or empty
• Measuring the relaxed battery voltage after a long
period of inactivity
• Completing a full charge/discharge cycle
The ModelGauge algorithm requires no correction events
because it uses only voltage, which is stable over time. As
the SOC accuracy without full/empty/relax shows the
algorithm remains accurate despite the absence of any
of the above events; it neither drifts nor accumulates
error over time.
To correctly measure performance of a fuel gauge as
experienced by end-users, exercise the battery dynami-
cally; accuracy cannot be fully determined from only
simple cycles.
Battery Voltage and State-of-Charge
The open-circuit voltage (OCV) of a Li+ battery uniquely
determines its SOC; one SOC can have only one value of
OCV. In contrast, a given VCELL can occur at many dif-
ferent values of OCV because VCELL is a function of time,
OCV, load, temperature, age, and impedance, etc.; one
value of OCV can have many values of VCELL. Therefore,
one SOC can have many values of VCELL, so VCELL can-
not uniquely determine SOC.
Figure 3 shows that VCELL = 3.81V occurs at 2%, 50%,
and 72% SOC.
Even the use of sophisticated tables to consider both
voltage and load results in significant error due to the
load transients typically experienced in a system. During
charging or discharging, and for approximately 30min
after, VCELL and OCV differ substantially, and VCELL has
been affected by the preceding hours of battery activity.
ModelGauge uses voltage comprehensively by using
voltage measured over a long period of time.
Figure 2. Block Diagram
Figure 3. Instantaneous Voltage Does Not Translate Directly to
SOC
STATE
MACHINE
(SOC)
I2C
INTERFACE
IC
GROUND
TIME BASE
(32kHz)
ADC (VCELL)
VOLTAGE
REFERENCE
BIAS
GND
CELL
VDD
SCL
SDA
ALRT
QSTRT
MAX17058
MAX17059
TIME (Hr)
100%
80%
60%
40%
20%
0%
012345678
3.4V
3.6V
3.8V
4.0V
4.2V
3.2V
3.81V = 2%
3.81V = 72%
3.81V = 50%
3.81V
VCELL
SOC


Similar Part No. - MAX17058_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17058G++ MAXIM-MAX17058G+ Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17058G+T10 MAXIM-MAX17058G+T10 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17058X++ MAXIM-MAX17058X+ Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17058X+T10 MAXIM-MAX17058X+T10 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
More results

Similar Description - MAX17058_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17048 MAXIM-MAX17048 Datasheet
2Mb / 19P
   Micropower 1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
   1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17048 MAXIM-MAX17048_V01 Datasheet
1Mb / 19P
   3關A 1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
   1-Cell Fuel Gauge with ModelGauge m3
2016
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com