Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14673ETB Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14673ETB
Description  Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14673ETB Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14673ETB Datasheet HTML 5Page - Maxim Integrated Products MAX14673ETB Datasheet HTML 6Page - Maxim Integrated Products MAX14673ETB Datasheet HTML 7Page - Maxim Integrated Products MAX14673ETB Datasheet HTML 8Page - Maxim Integrated Products MAX14673ETB Datasheet HTML 9Page - Maxim Integrated Products MAX14673ETB Datasheet HTML 10Page - Maxim Integrated Products MAX14673ETB Datasheet HTML 11Page - Maxim Integrated Products MAX14673ETB Datasheet HTML 12Page - Maxim Integrated Products MAX14673ETB Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MAX14670–MAX14673
Bidirectional Current-Blocking, High-Input
Overvoltage Protector
with Adjustable OVLO
www.maximintegrated.com
Maxim Integrated │ 11
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents test
setup, test methodology, and test results.
Human Body Model ESD Protection
Figure 2 shows the HBM and Figure 3 shows the cur-
rent waveform it generates when discharged into a low-
impedance state. This model consists of a 100pF capaci-
tor charged to the ESD voltage of interest, which is then
discharged into the device through a 1.5kΩ resistor.
IEC 61000-4-2
The IEC 61000-4-2 standard covers ESD testing and
performance of finished equipment. However, it does not
specifically refer to integrated circuits. The major differ-
ence between tests done using the Human Body Model
and IEC 61000-4-2 is higher peak current in IEC 61000-
4-2 because series resistance is lower in the IEC 61000-
4-2 model. Hence, the ESD withstand voltage measured
to IEC 61000-4-2 is generally lower than that measured
using the Human Body Model. Figure 4 shows the IEC
61000-4-2 model, and Figure 5 shows the current wave-
form for the IEC 61000-4-2 ESD Contact Discharge test.
Figure 2. Human Body ESD Test Model
Figure 4. IEC 61000-4-2 ESD Test Model
Figure 3. Human Body Current Waveform
Figure 5. IEC 61000-4-2 ESD Generator Current Waveform
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
CS
100pF
RC
1MΩ
RD
1.5kΩ
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
100%
36.8%
tRL
TIME
tDL
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
0
0
IPEAK (AMPS)
90%
10%
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
CS
150pF
RC
50MΩ TO 100MΩ
RD
330Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
tR = 0.7ns TO 1ns
30ns
60ns
t
100%
90%
10%
IPEAK (AMPS)


Similar Part No. - MAX14673ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14673ETB+T MAXIM-MAX14673ETB+T Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
More results

Similar Description - MAX14673ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14670 MAXIM-MAX14670_V01 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
MAX14653 MAXIM-MAX14653 Datasheet
2Mb / 11P
   High-Current Overvoltage Protector with Adjustable OVLO
Rev 0; 1/13
logo
Anpec Electronics Corop...
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
   High-Current Overvoltage Protectors with Adjustable OVLO
logo
Maxim Integrated Produc...
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14653 MAXIM-MAX14653_V01 Datasheet
913Kb / 11P
   High-Current Overvoltage Protectors with Adjustable OVLO
2014
logo
Kinetic Technologies.
KTS1676 KINETIC-KTS1676 Datasheet
988Kb / 20P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04c
KTS1675 KINETIC-KTS1675 Datasheet
989Kb / 22P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1686 KINETIC-KTS1686 Datasheet
676Kb / 13P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
November 2016 - Revision 04a
KTS1675A KINETIC-KTS1675A Datasheet
840Kb / 18P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
logo
Maxim Integrated Produc...
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com