Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17059 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17059
Description  1-Cell/2-Cell Li ModelGauge ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17059 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17059 Datasheet HTML 1Page - Maxim Integrated Products MAX17059 Datasheet HTML 2Page - Maxim Integrated Products MAX17059 Datasheet HTML 3Page - Maxim Integrated Products MAX17059 Datasheet HTML 4Page - Maxim Integrated Products MAX17059 Datasheet HTML 5Page - Maxim Integrated Products MAX17059 Datasheet HTML 6Page - Maxim Integrated Products MAX17059 Datasheet HTML 7Page - Maxim Integrated Products MAX17059 Datasheet HTML 8Page - Maxim Integrated Products MAX17059 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MAX17058/MAX17059
1-Cell/2-Cell Li+ ModelGauge ICs
2
Maxim Integrated
CELL to GND.........................................................-0.3V to +12V
All Pins Excluding CELL to GND ............................-0.3V to +6V
Continuous Sink Current, SDA, ALRT ................................20mA
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -55NC to +125NC
Lead Temperature (TDFN only) (soldering, 10s) ...........+300NC
Soldering Temperature (reflow) ......................................+260NC
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(2.5V < VDD < 4.5V, -20NC < TA < +70NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
ELECTRICAL CHARACTERISTICS (I2C INTERFACE)
(2.5V < VDD < 4.5V, -20NC < TA < +70NC, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 2)
2.5
4.5
V
Fuel-Gauge SOC Reset
(VRESET Register)
VRST
Configuration range, in 40mV steps
2.28
3.48
V
Trimmed at 3V
2.85
3.0
3.15
V
Data I/O Pins
SCL, SDA,
ALRT
(Note 2)
-0.3
+5.5
V
Supply Current
IDD0
Sleep mode, TA < +50NC
0.5
2
F
A
IDD1
Active mode
23
40
Time Base Accuracy
tERR
Active mode (Note 3)
-3.5
Q
1
+3.5
%
ADC Sample Period
Active mode
250
ms
Voltage Error
VERR
VCELL = 3.6V, TA = +25NC (Note 4)
-7.5
+7.5
mV/cell
-20NC < TA < +70NC
-20
+20
Voltage-Measurement Resolution
1.25
mV/cell
Voltage-Measurement Range
MAX17058: VDD pin
2.5
5
V
MAX17059: CELL pin
5
10
SDA, SCL, QSTRT Input Logic-High
VIH
1.4
V
SDA, SCL, QSTRT Input Logic-Low
VIL
0.5
V
SDA, ALRT Output Logic-Low
VOL
IOL = 4mA
0.4
V
SDA, SCL Bus Low-Detection
Current
IPD
VSDA = VSCL = 0.4V (Note 5)
0.2
0.4
F
A
Bus Low-Detection Timeout
tSLEEP
(Note 6)
1.75
2.5
s
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 7)
0
400
kHz
Bus Free Time Between a STOP and
START Condition
tBUF
1.3
F
s
START Condition (Repeated) Hold
Time
tHD:STA
(Note 8)
0.6
F
s
Low Period of SCL Clock
tLOW
1.3
F
s


Similar Part No. - MAX17059

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17059 MAXIM-MAX17059 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17059G++ MAXIM-MAX17059G+ Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17059G+T10 MAXIM-MAX17059G+T10 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17059X++ MAXIM-MAX17059X+ Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17059X+T10 MAXIM-MAX17059X+T10 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
More results

Similar Description - MAX17059

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17048 MAXIM-MAX17048 Datasheet
2Mb / 19P
   Micropower 1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
   1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17048 MAXIM-MAX17048_V01 Datasheet
1Mb / 19P
   3關A 1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
   1-Cell Fuel Gauge with ModelGauge m3
2016
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com