Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGJ3E2X7R1C683K080AA Datasheet(PDF) 9 Page - TDK Electronics

Part # CGJ3E2X7R1C683K080AA
Description  CGJ Series High Reliability Grade General (Up to 50V)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ3E2X7R1C683K080AA Datasheet(HTML) 9 Page - TDK Electronics

Back Button CGJ3E2X7R1C683K080AA Datasheet HTML 3Page - TDK Electronics CGJ3E2X7R1C683K080AA Datasheet HTML 4Page - TDK Electronics CGJ3E2X7R1C683K080AA Datasheet HTML 5Page - TDK Electronics CGJ3E2X7R1C683K080AA Datasheet HTML 6Page - TDK Electronics CGJ3E2X7R1C683K080AA Datasheet HTML 7Page - TDK Electronics CGJ3E2X7R1C683K080AA Datasheet HTML 8Page - TDK Electronics CGJ3E2X7R1C683K080AA Datasheet HTML 9Page - TDK Electronics CGJ3E2X7R1C683K080AA Datasheet HTML 10Page - TDK Electronics CGJ3E2X7R1C683K080AA Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
Rated Voltage Edc: 10V
180 pF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H181J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H181J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H181J060AA
220 pF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H221J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H221J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H221J060AA
270 pF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H271J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H271J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H271J060AA
330 pF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H331J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H331J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H331J060AA
390 pF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H391J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H391J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H391J060AA
470 pF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H471J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H471J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H471J060AA
560 pF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H561J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H561J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H561J060AA
680 pF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H681J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H681J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H681J060AA
820 pF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H821J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H821J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H821J060AA
1 nF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H102J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H102J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H102J060AA
1.2 nF
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H122J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H122J060AA
1.5 nF
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H152J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H152J060AA
1.8 nF
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H182J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H182J060AA
2.2 nF
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H222J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H222J060AA
2.7 nF
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H272J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H272J060AA
3.3 nF
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H332J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H332J060AA
3.9 nF
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H392J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H392J060AA
3216
0.60 ± 0.15
± 5%
CGJ5C2C0G1H392J060AA
4.7 nF
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H472J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H472J060AA
3216
0.60 ± 0.15
± 5%
CGJ5C2C0G1H472J060AA
5.6 nF
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H562J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H562J060AA
3216
0.60 ± 0.15
± 5%
CGJ5C2C0G1H562J060AA
6.8 nF
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H682J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H682J060AA
3216
0.60 ± 0.15
± 5%
CGJ5C2C0G1H682J060AA
8.2 nF
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H822J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H822J060AA
3216
0.60 ± 0.15
± 5%
CGJ5C2C0G1H822J060AA
10 nF
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H103J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H103J060AA
3216
0.60 ± 0.15
± 5%
CGJ5C2C0G1H103J060AA
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to +125ºC, 0±30 ppm/ºC)
Page 8
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_highreliability_general_en


Similar Part No. - CGJ3E2X7R1C683K080AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R1C683K080AA TDK-CGJ3E2X7R1C683K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C683K080AA TDK-CGJ3E2X7R1C683K080AA_17 Datasheet
238Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGJ3E2X7R1C683K080AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R1E103K080AA TDK-CGJ3E2X7R1E103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E3X7R1C684K080AB TDK-CGJ3E3X7R1C684K080AB Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C473K080AA TDK-CGJ3E2X7R1C473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C334K080AA TDK-CGJ3E2X7R1C334K080AA Datasheet
140Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H104K080AA TDK-CGJ3E2X7R1H104K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R0J684K080AA TDK-CGJ3E2X7R0J684K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E333K080AA TDK-CGJ3E2X7R1E333K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E473K080AA TDK-CGJ3E2X7R1E473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H103K080AA TDK-CGJ3E2X7R1H103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1A105K080AA TDK-CGJ3E2X7R1A105K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com