Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17596 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17596
Description  Peak-Current-Mode Controllers for Flyback and Boost Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17596 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17596 Datasheet HTML 1Page - Maxim Integrated Products MAX17596 Datasheet HTML 2Page - Maxim Integrated Products MAX17596 Datasheet HTML 3Page - Maxim Integrated Products MAX17596 Datasheet HTML 4Page - Maxim Integrated Products MAX17596 Datasheet HTML 5Page - Maxim Integrated Products MAX17596 Datasheet HTML 6Page - Maxim Integrated Products MAX17596 Datasheet HTML 7Page - Maxim Integrated Products MAX17596 Datasheet HTML 8Page - Maxim Integrated Products MAX17596 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MAX17595/MAX17596/MAX17597
Peak-Current-Mode Controllers for
Flyback and Boost Regulators
5
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V (for the MAX17595, bring VIN up to 21V for startup), VCS = VSLOPE = VDITHER = VFB = VOVI = VSGND = VPGND = 0V,
VEN/UVLO = +2V; NDRV, SS, COMP are unconnected, RRT = 25kI, CVIN = 1FF, CVDRV = 1FF, TA = TJ = -40NC to +125NC, unless
otherwise noted. Typical values are at TA = TJ = +25NC.) (Note 2)
Note 2: All devices 100% production tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 3: The MAX17595 is intended for use in universal input power supplies. The internal clamp circuit at VIN is used to prevent
the bootstrap capacitor from charging to a voltage beyond the absolute maximum rating of the device when EN is low
(shutdown mode). Externally limit the maximum current to VIN (hence to clamp) to 2mA (max) when EN is low.
Note 4: Using an external clock for synchronization increases the maximum duty cycle by a factor equal to fSYNC / fSW for the
MAX17595/MAX17596. External synchronization is not available for the MAX17597.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Slope Voltage Range
for Default Slope
Compensation
4
V
Slope Voltage Range
for Programmable Slope
Compensation
0.2
2
V
Slope Compensation Ramp
RSLOPE = 100k
W
140
165
190
mV/Fs
Default Slope
Compensation Ramp
4V < VSLOPE
50
mV/Fs
PWM COMPARATOR
Comparator Offset Voltage
VPWM-OS
VCOMP, when VCS = 0
1.65
1.81
2
V
Current-Sense Gain
ACS-PWM
D
VCOMP/DVCS
1.75
1.97
2.15
V/V
Comparator Propagation
Delay
tPWM
Change in VCS = 10mV (including internal lead-
edge blanking)
110
ns
ERROR AMPLIFIER
FB Reference Voltage
VREF
VFB, when ICOMP = 0 and VCOMP = 1.8V
1.19
1.21
1.23
V
FB Input Bias Current
IFB
VFB = 1.5V, TA = +25NC
-100
+100
nA
Voltage Gain
AEAMP
90
dB
Transconductance
Gm
1.5
1.8
2.1
mS
Transconductance
Bandwidth
BW
Open-loop (gain = 1), -3dB frequency
10
MHz
Source Current
VCOMP = 1.8V, VFB = 1V
80
120
210
F
A
Sink Current
VCOMP = 1.8V, VFB = 1.75V
80
120
210
F
A
THERMAL SHUTDOWN
Thermal-Shutdown
Threshold
Temperature rising
+160
N
C
Thermal-Shutdown
Hysteresis
20
N
C


Similar Part No. - MAX17596

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17596 MAXIM-MAX17596 Datasheet
2Mb / 29P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 0; 1/12
MAX17596 MAXIM-MAX17596 Datasheet
1Mb / 11P
   One 18V–36V DC, 2A power supply Evaluation Kit
Rev 0; 7/15
MAX17596ATE MAXIM-MAX17596ATE Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 4; 5/15
MAX17596ATE++ MAXIM-MAX17596ATE+ Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
MAX17596EVKIT MAXIM-MAX17596EVKIT Datasheet
1Mb / 11P
   One 18V–36V DC, 2A power supply Evaluation Kit
Rev 0; 7/15
More results

Similar Description - MAX17596

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595 Datasheet
2Mb / 29P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 0; 1/12
MAX17595 MAXIM-MAX17595_V01 Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
MAX17595ATE MAXIM-MAX17595ATE Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 4; 5/15
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
logo
Maxim Integrated Produc...
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
   Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
logo
Linear Technology
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com