Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1703A Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1703A
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703A Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1703A Datasheet HTML 7Page - Microchip Technology MCP1703A Datasheet HTML 8Page - Microchip Technology MCP1703A Datasheet HTML 9Page - Microchip Technology MCP1703A Datasheet HTML 10Page - Microchip Technology MCP1703A Datasheet HTML 11Page - Microchip Technology MCP1703A Datasheet HTML 12Page - Microchip Technology MCP1703A Datasheet HTML 13Page - Microchip Technology MCP1703A Datasheet HTML 14Page - Microchip Technology MCP1703A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
© 2012 Microchip Technology Inc.
DS25122A-page 11
MCP1703A
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Ground Terminal (GND)
Regulator ground. Tie GND to the negative side of the
output and the negative side of the input capacitor.
Only the LDO bias current (2.0 µA typical) flows out of
this pin; there is no high current. The LDO output
regulation is referenced to this pin. Minimize voltage
drops between this pin and the negative side of the
load.
3.2
Regulated Output Voltage (VOUT)
Connect VOUT to the positive side of the load and the
positive terminal of the output capacitor. The positive
side of the output capacitor should be physically
located as close to the LDO VOUT pin as is practical.
The current flowing out of this pin is equal to the DC
load current.
3.3
Unregulated Input Voltage (VIN)
Connect VIN to the input unregulated source voltage.
Like all low dropout linear regulators, low source
impedance is necessary for the stable operation of the
LDO. The amount of capacitance required to ensure
low source impedance will depend on the proximity of
the input source capacitors or battery type. For most
applications, 1 µF of capacitance will ensure stable
operation of the LDO circuit. For applications that have
load currents below 100 mA, the input capacitance
requirement can be lowered. The type of capacitor
used can be ceramic, tantalum, or aluminum
electrolytic. The low ESR characteristics of the ceramic
will yield better noise and PSRR performance at
high-frequency.
3.4
Exposed Thermal Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the VSS pin; they must
be connected to the same potential on the Printed
Circuit Board (PCB).
TABLE 3-1:
MCP1703A PIN FUNCTION TABLE
2x3 DFN
SOT-223
SOT-23A
SOT-89
Name
Function
4
2,Tab
1
1
GND
Ground Terminal
13
2
3
VOUT
Regulated Voltage Output
81
3
2,Tab
VIN
Unregulated Supply Voltage
2, 3, 5, 6, 7
NC
No Connection
9
EP
Exposed Thermal Pad (EP); must be
connected to VSS


Similar Part No. - MCP1703A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1703AT-1201E/CB MICROCHIP-MCP1703AT-1201E/CB Datasheet
2Mb / 31P
   250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
MCP1703AT-1201E/DB MICROCHIP-MCP1703AT-1201E/DB Datasheet
2Mb / 31P
   250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
MCP1703AT-1201E/MB MICROCHIP-MCP1703AT-1201E/MB Datasheet
2Mb / 31P
   250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
MCP1703AT-1201E/MC MICROCHIP-MCP1703AT-1201E/MC Datasheet
2Mb / 31P
   250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
MCP1703AT-1202E MICROCHIP-MCP1703AT-1202E Datasheet
3Mb / 30P
   250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
More results

Similar Description - MCP1703A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2011
MCP1703A MICROCHIP-MCP1703A_13 Datasheet
2Mb / 31P
   250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
MCP1703 MICROCHIP-MCP1703_09 Datasheet
546Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2009
MCP1703T-5002E MICROCHIP-MCP1703T-5002E Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
02/18/11
MCP1703AT-3002E MICROCHIP-MCP1703AT-3002E Datasheet
3Mb / 30P
   250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com