Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V31U Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6V31U
Description  23 關A, 300 kHz Zero-Drift Op Amps
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V31U Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6V31U Datasheet HTML 2Page - Microchip Technology MCP6V31U Datasheet HTML 3Page - Microchip Technology MCP6V31U Datasheet HTML 4Page - Microchip Technology MCP6V31U Datasheet HTML 5Page - Microchip Technology MCP6V31U Datasheet HTML 6Page - Microchip Technology MCP6V31U Datasheet HTML 7Page - Microchip Technology MCP6V31U Datasheet HTML 8Page - Microchip Technology MCP6V31U Datasheet HTML 9Page - Microchip Technology MCP6V31U Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MCP6V31/1U
DS25127A-page 6
© 2012 Microchip Technology Inc.
1.3
Timing Diagrams
FIGURE 1-1:
Amplifier Start Up.
FIGURE 1-2:
Offset Correction Settling
Time.
FIGURE 1-3:
Output Overdrive Recovery.
1.4
Test Circuits
The circuits used for most DC and AC tests are shown
in Figure 1-4 and Figure 1-5. Lay the bypass capacitors
out as discussed in Section 4.3.10, Supply Bypassing
and Filtering. RN is equal to the parallel combination of
RF and RG to minimize bias current effects.
FIGURE 1-4:
AC and DC Test Circuit for
Most Non-Inverting Gain Conditions.
FIGURE 1-5:
AC and DC Test Circuit for
Most Inverting Gain Conditions.
The circuit in Figure 1-6 tests the input’s dynamic
behavior (i.e., IMD, tSTR, tSTL and tODR). The
potentiometer balances the resistor network (VOUT
should equal VREF at DC). The op amp’s common
mode input voltage is VCM =VIN/2. The error at the
input (VERR) appears at VOUT with a noise gain of
10 V/V.
FIGURE 1-6:
Test Circuit for Dynamic
Input Behavior.
VDD
VOUT
1.001(VDD/3)
0.999(VDD/3)
tSTR
0V
1.8V to 5.5V
1.8V
VIN
VOS
VOS +100 µV
VOS –100 µV
tSTL
VIN
VOUT
VDD
VSS
tODR
tODR
VDD/2
VDD
RG
RF
RN
VOUT
VIN
VDD/3
1µF
CL
RL
VL
100 nF
RISO
MCP6V3X
VDD
RG
RF
RN
VOUT
VDD/3
VIN
1µF
CL
RL
VL
100 nF
RISO
MCP6V3X
VDD
VOUT
1µF
CL
VL
RISO
11.0 kΩ
249 Ω
11.0 kΩ
500 Ω
VIN
VREF =VDD/3
0.1%
0.1%
25 turn
100 kΩ
100 kΩ
0.1%
0.1%
RL
0 Ω
20 pF
open
100 nF
1%
MCP6V3X


Similar Part No. - MCP6V31U

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V36 MICROCHIP-MCP6V36 Datasheet
3Mb / 50P
   23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V36/6U/7/9 MICROCHIP-MCP6V36/6U/7/9 Datasheet
2Mb / 52P
   5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6V36T-E/OT MICROCHIP-MCP6V36T-E/OT Datasheet
3Mb / 50P
   23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V36U MICROCHIP-MCP6V36U Datasheet
3Mb / 50P
   23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V36UT-E/LTY MICROCHIP-MCP6V36UT-E/LTY Datasheet
3Mb / 50P
   23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
More results

Similar Description - MCP6V31U

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V36 MICROCHIP-MCP6V36 Datasheet
3Mb / 50P
   23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V11 MICROCHIP-MCP6V11 Datasheet
3Mb / 40P
   7.5 關A, 80 kHz Zero-Drift Op Amps
11/29/11
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
   7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
logo
3PEAK INC.
TP5531 3PEAK-TP5531 Datasheet
657Kb / 16P
   1.8V, 34關A, RRIO, Zero Drift Op-amps
logo
Microchip Technology
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
   170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
   80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
   10 MHz, Zero-Drift Op Amps
Revision A November 2020
MCP6V06 MICROCHIP-MCP6V06 Datasheet
1Mb / 44P
   300 關A, Auto-Zeroed Op Amps
2008
MCP6V01 MICROCHIP-MCP6V01 Datasheet
1Mb / 44P
   300 關A, Auto-Zeroed Op Amps
2008
MCP6V86 MICROCHIP-MCP6V86 Datasheet
2Mb / 52P
   5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com