Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V31UT Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6V31UT
Description  23 關A, 300 kHz Zero-Drift Op Amps
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V31UT Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6V31UT Datasheet HTML 3Page - Microchip Technology MCP6V31UT Datasheet HTML 4Page - Microchip Technology MCP6V31UT Datasheet HTML 5Page - Microchip Technology MCP6V31UT Datasheet HTML 6Page - Microchip Technology MCP6V31UT Datasheet HTML 7Page - Microchip Technology MCP6V31UT Datasheet HTML 8Page - Microchip Technology MCP6V31UT Datasheet HTML 9Page - Microchip Technology MCP6V31UT Datasheet HTML 10Page - Microchip Technology MCP6V31UT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
© 2012 Microchip Technology Inc.
DS25127A-page 7
MCP6V31/1U
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, TA =+25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =100 kΩ to VL and CL = 20 pF.
2.1
DC Input Precision
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input Offset Voltage
Quadratic Temp. Co.
FIGURE 2-4:
Input Offset Voltage vs.
Power Supply Voltage with VCM =VCML.
FIGURE 2-5:
Input Offset Voltage vs.
Power Supply Voltage with VCM =VCMH.
FIGURE 2-6:
Input Offset Voltage vs.
Output Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
10%
15%
20%
25%
42 Samples
T
A = +25°C
V
DD = 1.8V and 5.5V
0%
5%
-8 -7 -6 -5 -4 -3 -2 -1 012345678
Input Offset Voltage (μV)
15%
20%
25%
30%
35%
42 Samples
V
DD = 1.8V and 5.5V
0%
5%
10%
-50 -40 -30 -20 -10
0
10
20
30
40
50
Input Offset Voltage Drift; TC
1 (nV/°C)
15%
20%
25%
30%
35%
40%
45%
42 Samples
V
DD = 1.8V and 5.5V
0%
5%
10%
-0.5 -0.4 -0.3 -0.2 -0.1 0.0 0.1 0.2 0.3 0.4 0.5
Input Offset Voltage's Quadratic Temp Co;
TC
2 (nV/°C
2)
6
8
V
CM = VCML
Representative Part
4
6
Representative Part
0
2
-2
0
+125°C
+85°C
-4
+85 C
+25°C
-40°C
-8
-6
Power Supply Voltage (V)
6
8
V
CM = VCMH
Representative Part
4
6
p
0
2
-2
0
+125°C
+85°C
-4
85 C
+25°C
-40°C
-8
-6
Power Supply Voltage (V)
6
8
Representative Part
4
6
0
2
V
DD = 1.8V
-2
0
V
DD = 5.5V
-4
-8
-6
8
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)


Similar Part No. - MCP6V31UT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V36 MICROCHIP-MCP6V36 Datasheet
3Mb / 50P
   23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V36/6U/7/9 MICROCHIP-MCP6V36/6U/7/9 Datasheet
2Mb / 52P
   5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6V36T-E/OT MICROCHIP-MCP6V36T-E/OT Datasheet
3Mb / 50P
   23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V36U MICROCHIP-MCP6V36U Datasheet
3Mb / 50P
   23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V36UT-E/LTY MICROCHIP-MCP6V36UT-E/LTY Datasheet
3Mb / 50P
   23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
More results

Similar Description - MCP6V31UT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V36 MICROCHIP-MCP6V36 Datasheet
3Mb / 50P
   23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V11 MICROCHIP-MCP6V11 Datasheet
3Mb / 40P
   7.5 關A, 80 kHz Zero-Drift Op Amps
11/29/11
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
   7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
logo
3PEAK INC.
TP5531 3PEAK-TP5531 Datasheet
657Kb / 16P
   1.8V, 34關A, RRIO, Zero Drift Op-amps
logo
Microchip Technology
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
   170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
   80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
   10 MHz, Zero-Drift Op Amps
Revision A November 2020
MCP6V06 MICROCHIP-MCP6V06 Datasheet
1Mb / 44P
   300 關A, Auto-Zeroed Op Amps
2008
MCP6V01 MICROCHIP-MCP6V01 Datasheet
1Mb / 44P
   300 關A, Auto-Zeroed Op Amps
2008
MCP6V86 MICROCHIP-MCP6V86 Datasheet
2Mb / 52P
   5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com