Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6547T Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6547T
Description  Open-Drain Output Sub-Microamp Comparators
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6547T Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6547T Datasheet HTML 4Page - Microchip Technology MCP6547T Datasheet HTML 5Page - Microchip Technology MCP6547T Datasheet HTML 6Page - Microchip Technology MCP6547T Datasheet HTML 7Page - Microchip Technology MCP6547T Datasheet HTML 8Page - Microchip Technology MCP6547T Datasheet HTML 9Page - Microchip Technology MCP6547T Datasheet HTML 10Page - Microchip Technology MCP6547T Datasheet HTML 11Page - Microchip Technology MCP6547T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MCP6546/6R/6U/7/8/9
DS21714G-page 8
© 2002-2012 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA =+25°C, VIN+= VDD/2, VIN– = GND,
RPU =2.74kΩ to VPU =VDD, and CL =36pF.
FIGURE 2-13:
CMRR,PSRR vs. Ambient
Temperature.
FIGURE 2-14:
Input Bias Current, Input
Offset Current vs. Ambient Temperature.
FIGURE 2-15:
Quiescent Current vs.
Common Mode Input Voltage at VDD =1.6V.
FIGURE 2-16:
Input Bias Current, Input
Offset Current vs. Common Mode Input Voltage.
FIGURE 2-17:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-18:
Quiescent Current vs.
Common Mode Input Voltage at VDD =5.5V.
55
60
65
70
75
80
85
90
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Input Referred
PSRR, VIN+ = VSS, VDD = 1.6V to 5.5V
CMRR, VIN+ = -0.3 to 5.3V, VDD = 5.0V
0.1
1
10
100
1000
55
65
75
85
95
105
115
125
Ambient Temperature (°C)
I
B
| I
OS |
V
DD = 5.5V
V
CM = VDD
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Common Mode Input Voltage (V)
V
DD = 1.6V
Sweep V
IN+, VIN– = VDD/2
Sweep V
IN–, VIN+ = VDD/2
IQ does not include pull-up resistor current
0.1
1
10
100
1000
10000
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Common Mode Input Voltage (V)
V
DD = 5.5V
100f
100p
1p
10p
1n
10n
IB, TA = +125°C
IB, TA = +85°C
IOS, TA = +125°C
IOS, TA = +85°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
TA = +125°C
T
A = +85°C
TA = +25°C
T
A = -40°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Common Mode Input Voltage (V)
VDD = 5.5V
Sweep V
IN+, VIN– = VDD/2
Sweep V
IN–, VIN+ = VDD/2
IQ does not include pull-up resistor current


Similar Part No. - MCP6547T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6547T-E/LT MICROCHIP-MCP6547T-E/LT Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6547T-E/MS MICROCHIP-MCP6547T-E/MS Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6547T-E/OT MICROCHIP-MCP6547T-E/OT Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6547T-E/P MICROCHIP-MCP6547T-E/P Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6547T-E/SL MICROCHIP-MCP6547T-E/SL Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
More results

Similar Description - MCP6547T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6549 MICROCHIP-MCP6549 Datasheet
625Kb / 28P
   Open-Drain Output Sub-Microamp Comparators
2003
MCP6546 MICROCHIP-MCP6546_06 Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
logo
Texas Instruments
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
logo
3PEAK INC.
TP1945 3PEAK-TP1945 Datasheet
655Kb / 20P
   1.8V Micropower, RRIO, Open-Drain Output Comparators
LMV331TP 3PEAK-LMV331TP Datasheet
1Mb / 12P
   General Purpose, 1.8V, RRI, Open-Drain Output Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com