Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ602 Datasheet(PDF) 1 Page - First Components International

Part # GBJ602
Description  6.0 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GBJ602 Datasheet(HTML) 1 Page - First Components International

  GBJ602 Datasheet HTML 1Page - First Components International GBJ602 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
n 170 AMP SURGE OVERLOAD RATING
n MEETS UL SPECIFICATION 94V-0
n LOW REVERSE CURRENT
Maximum Ratings
GBJ6005 . . . 610 Series
Average Forward Rectified Current...I
O
T
C = 110°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3 ms Single ½ Sine Wave Imposed on Rated Load
Operating and Storage Temperature Range...T
J ,TSTRG
Maximum Forward Voltage...V
F
Per Bridge Element @ 6.0 Amps
Maximum DC Reverse Current Per Bridge Element...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A =100°C
Typical Thermal Resistance...R
θJC
Data Sheet
6.0 Amp GLASS PASSIVATED
SINGLE PHASE SILICON BRIDGE
Units
Volts
Volts
Volts
............................................. 6.0 ...............................................
............................................. 170 ...............................................
......................................... -65 to 150 ..........................................
............................................. 1.0 ...............................................
............................................. 5 ...............................................
............................................. 500 ...............................................
............................................. 10 ...............................................
GBJ6005 GBJ601 GBJ602 GBJ604 GBJ606 GBJ608 GBJ610
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
n GLASS PASSIVATED DIE
n LOW LEAKAGE CURRENT
n CASE DIELECTRIC OF STRENGTH OF 1500V
Amps
Amps
°C
Volts
µAmps
µAmps
°C/W
Electrical Characteristics
Dimensions in inches and (mm)


Similar Part No. - GBJ602

ManufacturerPart #DatasheetDescription
logo
RFE international
GBJ602 RFE-GBJ602 Datasheet
2Mb / 3P
   Bridge Rectifiers
1-18-2023
logo
Micro Commercial Compon...
GBJ602 MCC-GBJ602 Datasheet
89Kb / 2P
   6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
GBJ602 GWSEMI-GBJ602 Datasheet
67Kb / 2P
   GBJ801 GBJ802 GBJ803 GBJ804 GBJ805 GBJ806 GBJ807
logo
Yangzhou yangjie electr...
GBJ602 YANGJIE-GBJ602 Datasheet
335Kb / 4P
   Bridge Rectifiers
logo
List of Unclassifed Man...
GBJ602 ETC1-GBJ602 Datasheet
220Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
More results

Similar Description - GBJ602

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
KBPC600 FCI-KBPC600 Datasheet
130Kb / 2P
   6.0 Amp SINGLE PHASE SILICON BRIDGE
KBU600 FCI-KBU600 Datasheet
126Kb / 2P
   6.0 Amp SINGLE PHASE SILICON BRIDGE
W005G FCI-W005G Datasheet
125Kb / 2P
   1.5 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
D1S FCI-D1S Datasheet
125Kb / 2P
   0.8 Amp Glass Passivated Single Phase Silicon Bridge
DF15005 FCI-DF15005 Datasheet
110Kb / 2P
   1.5 Amp Glass Passivated Single Phase Silicon Bridge
GBPC2500 FCI-GBPC2500 Datasheet
670Kb / 4P
   25 Amp Glass Passivated SINGLE PHASE SILICON BRIDGE
DF005 FCI-DF005_1 Datasheet
144Kb / 2P
   1.0 Amp Glass Passivated Single Phase Silicon Bridge
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G_10 Datasheet
532Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_10 Datasheet
534Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6K40 TSC-TS6K40 Datasheet
212Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com