Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6548T Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6548T
Description  Open-Drain Output Sub-Microamp Comparators
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6548T Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6548T Datasheet HTML 2Page - Microchip Technology MCP6548T Datasheet HTML 3Page - Microchip Technology MCP6548T Datasheet HTML 4Page - Microchip Technology MCP6548T Datasheet HTML 5Page - Microchip Technology MCP6548T Datasheet HTML 6Page - Microchip Technology MCP6548T Datasheet HTML 7Page - Microchip Technology MCP6548T Datasheet HTML 8Page - Microchip Technology MCP6548T Datasheet HTML 9Page - Microchip Technology MCP6548T Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MCP6546/6R/6U/7/8/9
DS21714G-page 6
© 2002-2012 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RPU = 2.74 kΩ to VPU =VDD, and CL = 36 pF.
FIGURE 2-1:
Input Offset Voltage at
VCM =VSS.
FIGURE 2-2:
Input Offset Voltage Drift at
VCM =VSS.
FIGURE 2-3:
The MCP6546/6R/6U/7/8/9
Comparators Show No Phase Reversal.
FIGURE 2-4:
Input Hysteresis Voltage at
VCM =VSS.
FIGURE 2-5:
Input Hysteresis Voltage
Linear Temp. Co. (TC1) at VCM =VSS.
FIGURE 2-6:
Input Hysteresis Voltage
Quadratic Temp. Co. (TC2) at VCM =VSS.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
-7 -6 -5 -4 -3 -2 -1 01
234567
Input Offset Voltage (mV)
1200 Samples
V
CM = VSS
0%
2%
4%
6%
8%
10%
12%
14%
16%
Input Offset Voltage Drift (µV/°C)
1200 Samples
V
CM = VSS
T
A = -40°C to +125°C
-1
0
1
2
3
4
5
6
7
0123
45678
9
10
Time (1 ms/div)
V
OUT
VIN
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
1.62.0 2.42.8 3.23.6 4.04.4 4.85.2 5.6 6.0
Input Hysteresis Voltage (mV)
1200 Samples
V
CM = VSS
0%
5%
10%
15%
20%
25%
Input Hysteresis Voltage –
Linear Temp. Co.; TC1 (µV/°C)
596 Samples
VCM = VSS
T
A = -40°C to +125°C
VDD = 1.6V
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
Input Hysteresis Voltage –
Quadratic Temp. Co.; TC
2 (µV/°C
2)
596 Samples
VCM = VSS
T
A = -40°C to +125°C
V
DD = 5.5V
VDD = 1.6V


Similar Part No. - MCP6548T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6548T-E/LT MICROCHIP-MCP6548T-E/LT Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6548T-E/MS MICROCHIP-MCP6548T-E/MS Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6548T-E/OT MICROCHIP-MCP6548T-E/OT Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6548T-E/P MICROCHIP-MCP6548T-E/P Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6548T-E/SL MICROCHIP-MCP6548T-E/SL Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
More results

Similar Description - MCP6548T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6549 MICROCHIP-MCP6549 Datasheet
625Kb / 28P
   Open-Drain Output Sub-Microamp Comparators
2003
MCP6546 MICROCHIP-MCP6546_06 Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
logo
Texas Instruments
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
logo
3PEAK INC.
TP1945 3PEAK-TP1945 Datasheet
655Kb / 20P
   1.8V Micropower, RRIO, Open-Drain Output Comparators
LMV331TP 3PEAK-LMV331TP Datasheet
1Mb / 12P
   General Purpose, 1.8V, RRI, Open-Drain Output Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com