Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6549T Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6549T
Description  Open-Drain Output Sub-Microamp Comparators
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6549T Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6549T Datasheet HTML 5Page - Microchip Technology MCP6549T Datasheet HTML 6Page - Microchip Technology MCP6549T Datasheet HTML 7Page - Microchip Technology MCP6549T Datasheet HTML 8Page - Microchip Technology MCP6549T Datasheet HTML 9Page - Microchip Technology MCP6549T Datasheet HTML 10Page - Microchip Technology MCP6549T Datasheet HTML 11Page - Microchip Technology MCP6549T Datasheet HTML 12Page - Microchip Technology MCP6549T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
© 2002-2012 Microchip Technology Inc.
DS21714G-page 9
MCP6546/6R/6U/7/8/9
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA =+25°C, VIN+= VDD/2, VIN– = GND,
RPU =2.74kΩ to VPU =VDD, and CL =36pF.
FIGURE 2-19:
Supply Current vs. Pull-Up
Voltage.
FIGURE 2-20:
Supply Current vs. Toggle
Frequency.
FIGURE 2-21:
Output Voltage Headroom
vs. Output Current at VDD =1.6V.
FIGURE 2-22:
Supply Current vs. Pull-Up
to Supply Voltage Difference.
FIGURE 2-23:
Output Short Circuit Current
Magnitude vs. Power Supply Voltage.
FIGURE 2-24:
Output Voltage Headroom
vs. Output Current at VDD =5.5V.
0.1
1
10
01
23
45
678
9
10 11
Pull-Up Voltage, V
PU (V)
V
DD = 2.1V
VDD = 2.6V
V
DD = 3.6V
VDD = 4.6V
V
DD = 5.6V
I
DD spike near VPU = 1.3V
VDD = 1.6V
0.1
1
10
0.1
1
10
100
Toggle Frequency (kHz)
V
DD = 5.5V
V
DD = 1.6V
100 mV Overdrive
VCM = VDD/2
IDD does not include
pull-up resistor current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Output Current (mA)
VDD = 1.6V
VOL–VSS:
T
A = +125°C
TA = +85°C
T
A =
+25°C
T
A =
-40°C
0.1
1
10
-4 -3 -2 -1
0123456789
Pull-up to Supply Voltage Difference,
V
PU – VDD (V)
VDD = 5.6V
VDD = 4.6V
VDD = 3.6V
VDD = 2.6V
VPU = 1.6V to 10.5V
VDD = 1.6V
VDD = 2.1V
0
5
10
15
20
25
30
35
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
25
Output Current (mA)
VDD = 5.5V
T
A = +125°C
TA = +85°C
T
A = +25°C
TA = -40°C
V
OL – VSS:


Similar Part No. - MCP6549T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6549T-E/LT MICROCHIP-MCP6549T-E/LT Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6549T-E/MS MICROCHIP-MCP6549T-E/MS Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6549T-E/OT MICROCHIP-MCP6549T-E/OT Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6549T-E/P MICROCHIP-MCP6549T-E/P Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6549T-E/SL MICROCHIP-MCP6549T-E/SL Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
More results

Similar Description - MCP6549T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6549 MICROCHIP-MCP6549 Datasheet
625Kb / 28P
   Open-Drain Output Sub-Microamp Comparators
2003
MCP6546 MICROCHIP-MCP6546_06 Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
logo
Texas Instruments
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
logo
3PEAK INC.
TP1945 3PEAK-TP1945 Datasheet
655Kb / 20P
   1.8V Micropower, RRIO, Open-Drain Output Comparators
LMV331TP 3PEAK-LMV331TP Datasheet
1Mb / 12P
   General Purpose, 1.8V, RRI, Open-Drain Output Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com