Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER108G Datasheet(PDF) 2 Page - First Components International

Part # HER108G
Description  1.0 Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

HER108G Datasheet(HTML) 2 Page - First Components International

  HER108G Datasheet HTML 1Page - First Components International HER108G Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
1.0 Amp Glass Passivated
SUPER FAST PLASTIC
RECTIFIERS
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V.
2. Thermal Resistance Junction to Ambient Vert. PC Board Mounting 0.5" (12.7mm)
Lead Length.
3.
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Conditions: I
F = 0.5A, I R = 1.0A, I RR = 0.25A.
Forward Current Derating Curve
2
1
02 5 50 75 100
150
125
175
T
A = Ambient Temperature (°
°°°°C)
Reverse Voltage (Volts)
Typical Junction Capacitance
Non-Repetitive
Peak Forward Surge Current
Number of Cycles @ 60 HZ
60
40
20
10
100
Reverse Recovery
Characteristics
Typical Instantaneous
Forward Characteristics
Oscilliscope
Note 1
Pulse
Generator
Note 2
(-)
(+)
Notes:
1. Rise Time = 7 nS Max.
Impedance = 1 megohm, 22 pF
2. Rise Time = 10 nS Max.
Source Impedance = 50 Ohms
Time Base Set @ 50/100nS/cm
+.5A
0A
-.25A
-1.0A
1 cm
1
Typical Reverse Characteristics
100
10
1.0
.1
40
80
120 140
t
RR
Volts
10
1
.1
.01
.2
.6
1.0 1.4
50Ω
(-)
(+)
25 VDC
Non-Inductive
1 Ω
Non-
Inductive
D.U.T 10Ω
T
J = 150°C
T
J= 100°C
T
J = 25°C
.01
0
Single Half Sine Wave
8.3 mS
Percent of Rated Peak Voltage
Pulse Width = 300 µµµµµs
% Duty Cycle


Similar Part No. - HER108G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER108G JGD-HER108G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Chongqing Pingwei Enter...
HER108G CHONGQING-HER108G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER108G CHONGQING-HER108G Datasheet
193Kb / 1P
   1.0AMP. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
logo
Shanghai Lunsure Electr...
HER108G CHENYI-HER108G Datasheet
157Kb / 2P
   GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
logo
Gulf Semiconductor
HER108G GULFSEMI-HER108G Datasheet
91Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
More results

Similar Description - HER108G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_1 Datasheet
258Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SFA11G JGD-SFA11G Datasheet
167Kb / 2P
   1.0 AMP. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF11SG LUGUANG-SF11SG Datasheet
2Mb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G Datasheet
62Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG Datasheet
64Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11G TSC-SF11G_1 Datasheet
261Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11G TSC-SF11G_10 Datasheet
580Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_10 Datasheet
580Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF11G GWSEMI-SF11G Datasheet
71Kb / 2P
   1.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com