Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN1108 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FIN1108
Description  LVDS 8 Port High Speed Repeater
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1108 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FIN1108 Datasheet HTML 1Page - Fairchild Semiconductor FIN1108 Datasheet HTML 2Page - Fairchild Semiconductor FIN1108 Datasheet HTML 3Page - Fairchild Semiconductor FIN1108 Datasheet HTML 4Page - Fairchild Semiconductor FIN1108 Datasheet HTML 5Page - Fairchild Semiconductor FIN1108 Datasheet HTML 6Page - Fairchild Semiconductor FIN1108 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 4: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same direc-
tion.
Note 5: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Note 6: Passing criteria for maximum frequency is the output VOD > 250 mV and the duty cycle is better than 45% / 55% with all channels switching.
Note 7: Output loading is transmission line environment only; CL is < 1 pF of stray test fixture capacitance.
FIGURE 1. Differential Receiver Voltage Definitions
FIGURE 2. Differential Driver DC Test Circuit
Note A: All LVDS input pulses have frequency
= 10 MHz, t
R
or tF < = 0.5 ns
Note B: CL includes all probe and jig capacitances
FIGURE 3. Differential Driver Propagation Delay
and Transition Time Test Circuit
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLHD
Differential Output Propagation Delay
0.75
1.1
1.75
ns
LOW-to-HIGH
tPHLD
Differential Output Propagation Delay
0.75
1.1
1.75
ns
HIGH-to-LOW
RL = 100 Ω, CL = 5 pF,
tTLHD
Differential Output Rise Time (20% to 80%) VID = 200 mV to 450 mV,
0.29
0.4
0.58
ns
tTHLD
Differential Output Fall Time (80% to 20%)
VIC = VID/2 to VCC − (VID/2),
0.29
0.4
0.58
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
Duty Cycle
= 50%,
0.02
0.2
ns
tSK(LH),
Channel-to-Channel Skew
See Figure 1 and Figure 1
0.02
0.15
ns
tSK(HL)
(Note 4)
0.02
tSK(PP)
Part-to-Part Skew (Note 5)
0.5
ns
fMAX
Maximum Frequency (Note 6)(Note 7)
400
>630
MHz
tPZHD
Differential Output Enable Time
35
ns
from Z to HIGH
tPZLD
Differential Output Enable Time
3.1
5
ns
from Z to LOW
RL = 100 Ω, CL = 5 pF,
tPHZD
Differential Output Disable Time
See Figure 2 and Figure 3
2.2
5
ns
from HIGH to Z
tPLZD
Differential Output Disable Time
2.5
5
ns
from LOW to Z
tDJ
LVDS Data Jitter,
VID = 300 mV, PRBS = 2
23 - 1,
80
135
ps
Deterministic
VIC = 1.2V at 800 Mbps
tRJ
LVDS Clock Jitter,
VID = 300 mV,
1.9
3.5
ps
Random (RMS)
VIC = 1.2V at 400 MHz


Similar Part No. - FIN1108

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FIN1108MTD FAIRCHILD-FIN1108MTD Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
logo
ON Semiconductor
FIN1108MTD ONSEMI-FIN1108MTD Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FIN1108MTDX FAIRCHILD-FIN1108MTDX Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
logo
ON Semiconductor
FIN1108MTDX ONSEMI-FIN1108MTDX Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
More results

Similar Description - FIN1108

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
logo
Powertip Technology
FIN1104 POWERTIP-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
   LVDS 2 Port High Speed Repeater
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
logo
Texas Instruments
SN65LVDS108 TI-SN65LVDS108 Datasheet
223Kb / 16P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
Fairchild Semiconductor
FIN1104 FAIRCHILD-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com