Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7928BRUZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7928BRUZ
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7928BRUZ Datasheet(HTML) 1 Page - Analog Devices

  AD7928BRUZ Datasheet HTML 1Page - Analog Devices AD7928BRUZ Datasheet HTML 2Page - Analog Devices AD7928BRUZ Datasheet HTML 3Page - Analog Devices AD7928BRUZ Datasheet HTML 4Page - Analog Devices AD7928BRUZ Datasheet HTML 5Page - Analog Devices AD7928BRUZ Datasheet HTML 6Page - Analog Devices AD7928BRUZ Datasheet HTML 7Page - Analog Devices AD7928BRUZ Datasheet HTML 8Page - Analog Devices AD7928BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
with Sequencer in 20-Lead TSSOP
AD7908/AD7918/AD7928
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Fast throughput rate: 1 MSPS
Specified for AVDD of 2.7 V to 5.25 V
Low power
6.0 mW max at 1 MSPS with 3 V supply
13.5 mW max at 1 MSPS with 5 V supply
Eight (single-ended) inputs with sequencer
Wide input bandwidth
AD7928, 70 dB min SINAD at 50 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface SPI®/QSPI™/
MICROWIRE™/DSP compatible
Shutdown mode: 0.5 μA max
20-lead TSSOP package
Qualified for automotive applications
GENERAL DESCRIPTION
The AD7908/AD7918/AD7928 are, respectively, 8-bit, 10-bit, and
12-bit, high speed, low power, 8-channel, successive approximation
ADCs. The parts operate from a single 2.7 V to 5.25 V power
supply and feature throughput rates up to 1 MSPS. The parts
contain a low noise, wide bandwidth track-and-hold amplifier that
can handle input frequencies in excess of 8 MHz.
The conversion process and data acquisition are controlled using
CS and the serial clock signal, allowing the device to easily interface
with microprocessors or DSPs. The input signal is sampled on the
falling edge of CS and conversion is also initiated at this point.
There are no pipeline delays associated with the part.
The AD7908/AD7918/AD7928 use advanced design techniques to
achieve very low power dissipation at maximum throughput rates.
At maximum throughput rates, the AD7908/AD7918/AD7928
consume 2 mA maximum with 3 V supplies; with 5 V supplies, the
current consumption is 2.7 mA maximum.
Through the configuration of the control register, the analog input
range for the part can be selected as 0 V to REFIN or 0 V to 2 ×
REFIN, with either straight binary or twos complement output
coding. The AD7908/AD7918/AD7928 each feature eight single-
ended analog inputs with a channel sequencer to allow a
preprogrammed selection of channels to be converted sequentially.
The conversion time for the AD7908/AD7918/AD7928 is
determined by the SCLK frequency, which is also used as the
master clock to control the conversion.
FUNCTIONAL BLOCK DIAGRAM
T/H
I/P
MUX
SEQUENCER
CONTROL LOGIC
GND
SCLK
DOUT
DIN
CS
AD7908/AD7918/AD7928
REFIN
VIN0
VIN7
AVDD
8-/10-/12-BIT
SUCCESSIVE
APPROXIMATION
ADC
VDRIVE
Figure 1.
PRODUCT HIGHLIGHTS
1. High Throughput with Low Power Consumption. The AD7908/
AD7918/AD7928 offer up to 1 MSPS throughput rates. At the
maximum throughput rate with 3 V supplies, the AD7908/
AD7918/AD7928 dissipate just 6 mW of power maximum.
2. Eight Single-Ended Inputs with a Channel Sequencer.
A sequence of channels can be selected, through which
the ADC cycles and converts on.
3. Single-Supply Operation with VDRIVE Function. The AD7908/
AD7918/AD7928 operate from a single 2.7 V to 5.25 V supply.
The VDRIVE function allows the serial interface to connect directly
to either 3 V or 5 V processor systems independent of AVDD.
4. Flexible Power/Serial Clock Speed Management. The conversion
rate is determined by the serial clock, allowing the conversion
time to be reduced through the serial clock speed increase. The
parts also feature various shutdown modes to maximize power
efficiency at lower throughput rates. Current consumption is
0.5 μA max when in full shutdown.
5. No Pipeline Delay. The parts feature a standard successive
approximation ADC with accurate control of the sampling
instant via a CS input and once off conversion control.


Similar Part No. - AD7928BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
AD7928BRUZ-REEL AD-AD7928BRUZ-REEL Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
AD7928BRUZ-REEL7 AD-AD7928BRUZ-REEL7 Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
More results

Similar Description - AD7928BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com