Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC4004 Datasheet(PDF) 3 Page - First Components International

Part # KBPC4004
Description  40 Amps Plastic case Silicon Bridge Rectifiers Mounting Position: Any
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPC4004 Datasheet(HTML) 3 Page - First Components International

  KBPC4004 Datasheet HTML 1Page - First Components International KBPC4004 Datasheet HTML 2Page - First Components International KBPC4004 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
FCI’S KBPC Series of Bridges Can Be Ordered with Options on Terminals and Case Materials.
How To Specify Case Material and Terminal Options:
n For Metal Case, Order Suffix (1) “M”
n For Plastic Case, Order Suffix (1) “P”
n For Faston Terminals, Order Suffix (2) “F”
n For Wire Lead Terminals, Order Suffix (2) “W”
KBPC Series Examples
To Order a 25 Amp, 400 Volt Bridge with Faston Leads and a Plastic Case:
Specify - KBPC2504PF . . . Where “P” = Plastic and “F” = Faston Terminals
Case - Metal or Molded Plastic
Terminals - Plated .25" Faston or Plated Copper Wire
Leads .040" Diameter
Weight - 0.706 Ounces, 20 Grams
Mounting Position - Any with Bolt Down with Silicone
Thermal Compound Between Bridge and
Mounting Surface for Optimum Heat
Transfer
Mounting Torque - 20 Inch Pound Max
To Order a 35 Amp, 800 Volt Bridge with Wire Leads and a Metal Case:
Specify - KBPC3508MW . . . Where “M” = Metal and “W” = Wire Leads (Terminals)
To Order a 15 Amp, 200 Volt, UL Recognized Bridge with Wire Leads and a Plastic Case:
Specify - KBPC1502PWU . . . Where “P” = Plastic and “W” = Wire Leads (Terminals) and “U” = UL Recognized
NOTE: Fast Recovery Bridges (Diodes) Are Available; Please Contact FCI Components.
KBPC - “S” Series Examples
To Order Bridges with the “In-Line” Pin Configuration, Select the Current and Voltage Desired and Add “S” as the Suffix, as
shown in the following example.
To Order a 35 Amp, 800 Volt Bridge with In-Line Wire Leads:
Specify - KBPC3508S . . . Where “S” = In-Line Wire Lead Terminals
DC Out
AC In
40 Amps Plastic case
Silicon Bridge Rectifiers


Similar Part No. - KBPC4004

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC4004 WTE-KBPC4004 Datasheet
51Kb / 4P
   40, 50A HIGH CURRENT BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBPC4004 DAESAN-KBPC4004 Datasheet
204Kb / 2P
   CURRENT 40.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
logo
Won-Top Electronics
KBPC4004 WTE-KBPC4004 Datasheet
54Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC4004G WTE-KBPC4004G Datasheet
53Kb / 4P
   40, 50A GLASS PASSIVATED BRIDGE RECTIFIER
KBPC4004GS WTE-KBPC4004GS Datasheet
47Kb / 3P
   40, 50A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
More results

Similar Description - KBPC4004

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
KBPC3500 FCI-KBPC3500 Datasheet
293Kb / 3P
   35 Amps plastic Case Silicon Bridge Rectifiers
KBPC1500 FCI-KBPC1500 Datasheet
337Kb / 4P
   15Amps Single Phase Silicon Bridge Mounting Position: Any
logo
List of Unclassifed Man...
90-160 ETC2-90-160 Datasheet
284Kb / 2P
   Any position mounting
logo
Edal Industries, Inc.
BR5000 EDAL-BR5000 Datasheet
78Kb / 1P
   Silicon Bridge Rectifiers 50 Amps
BR800 EDAL-BR800 Datasheet
68Kb / 1P
   Silicon Bridge Rectifiers 8 Amps to 10 Amps
logo
DIOTEC Electronics Corp...
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
SDB4000 DEC-SDB4000 Datasheet
305Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
40SDB DEC-40SDB Datasheet
98Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
W005M MCC-W005M_11 Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
Jinan Gude Electronic D...
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com