Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25H020FJ-2C Datasheet(PDF) 1 Page - Rohm

Part # BR25H020FJ-2C
Description  Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H020FJ-2C Datasheet(HTML) 1 Page - Rohm

  BR25H020FJ-2C Datasheet HTML 1Page - Rohm BR25H020FJ-2C Datasheet HTML 2Page - Rohm BR25H020FJ-2C Datasheet HTML 3Page - Rohm BR25H020FJ-2C Datasheet HTML 4Page - Rohm BR25H020FJ-2C Datasheet HTML 5Page - Rohm BR25H020FJ-2C Datasheet HTML 6Page - Rohm BR25H020FJ-2C Datasheet HTML 7Page - Rohm BR25H020FJ-2C Datasheet HTML 8Page - Rohm BR25H020FJ-2C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/32
www.rohm.com
©2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R1R0G100080-1-2
21.Mar.2013 Rev.001
Datasheet
TSZ22111・14・001
Serial EEPROM Series Automotive EEPROM
125℃ Operation SPI BUS EEPROM
BR25H020-2C
●General Description
BR25H020-2C is a serial EEPROM of SPI BUS interface method.
●Features
High speed clock action up to 10MHz (Max.)
Wait function by HOLDB terminal.
Part or whole of memory arrays settable as read only
memory area by program.
2.5V to 5.5V single power source action most
suitable
for battery use.
Page write mode useful for initial value write at
factory shipment.
For SPI bus interface (CPOL, CPHA)=(0, 0), (1, 1)
Self-timed programming cycle.
Low Supply Current
At write operation (5V)
: 1.0mA (Typ.)
At read operation (5V)
: 1.0mA (Typ.)
At standby operation (5V)
: 0.1
μA (Typ.)
Address auto increment function at read operation
Prevention of write mistake
Write prohibition at power on.
Write prohibition by command code (WRDI).
Write prohibition by WPB pin.
Write prohibition block setting by status registers
(BP1, BP0).
Prevention of write mistake at low voltage.
MSOP8, TSSOP-B8, SOP8, SOP-J8 Package
Data at shipment Memory array: FFh, status register
BP1, BP0 : 0
More than 100 years data retention.
More than 1 million write cycles.
AEC-Q100 Qualified.
●Package
●Page write
Number of pages
16 Byte
Product Number
BR25H020-2C
●BR25H020-2C
Capacity
Bit Format
Product Number
Supply Voltage
MSOP8
TSSOP-B8
SOP8
SOP-J8
2Kbit
256x8
BR25H020-2C
2.5V to 5.5V
MSOP8
2.90mm x 4.00mm x 0.90mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm


Similar Part No. - BR25H020FJ-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020FJ-2CE2 ROHM-BR25H020FJ-2CE2 Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020FJ-2CTR ROHM-BR25H020FJ-2CTR Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
More results

Similar Description - BR25H020FJ-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H040F-2C ROHM-BR25H040F-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040FVT-2C ROHM-BR25H040FVT-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H080-2C ROHM-BR25H080-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020F-2C ROHM-BR25H020F-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H020FVT-2C ROHM-BR25H020FVT-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040FJ-2C ROHM-BR25H040FJ-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com