Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLCV32T-1R5M Datasheet(PDF) 11 Page - TDK Electronics

Part # NLCV32T-1R5M
Description  Inductors for Decoupling Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV32T-1R5M Datasheet(HTML) 11 Page - TDK Electronics

Back Button NLCV32T-1R5M Datasheet HTML 7Page - TDK Electronics NLCV32T-1R5M Datasheet HTML 8Page - TDK Electronics NLCV32T-1R5M Datasheet HTML 9Page - TDK Electronics NLCV32T-1R5M Datasheet HTML 10Page - TDK Electronics NLCV32T-1R5M Datasheet HTML 11Page - TDK Electronics NLCV32T-1R5M Datasheet HTML 12Page - TDK Electronics NLCV32T-1R5M Datasheet HTML 13Page - TDK Electronics NLCV32T-1R5M Datasheet HTML 14Page - TDK Electronics NLCV32T-1R5M Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
(9/14)
001-03 / 20110927 / e511_nlcv_nlc
• All specifications are subject to change without notice.
Inductors for Decoupling Circuits
Wound/For Current
NLC Series NLC453232
FEATURES
• The NLC series feature low DC resistance and high current
handling capacities, making them ideal for power supply line
applications.
• The product has good heat durability that withstands lead-free
compatible reflow soldering conditions.
• Lead-free material is used for the plating on the terminal.
• The product uses metal terminals, which realize excellent
connection reliability.
• From 1µH to 330µH, all of the products in the E-12 series are
K(±10%) tolerance products.
• It is a product conforming to RoHS directive.
APPLICATIONS
• Electronic equipment used in communication infrastructures
including xDSL and mobile base stations.
• Audio-visual equipment including TVs and VCRs.
• Other electronic equipment including HDDs and ODDs.
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
FLOW SOLDERING
IRON SOLDERING
Based on the above conditions, use a maximum product temperature of
260°C and a maximum accumulated heating time of 10 seconds as a
guideline.
• Please contact us for details.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions
(3) Packaging style
(4) Inductance value
(5) Inductance tolerance
(6) Lead-free compatible product
PACKAGING STYLE AND QUANTITIES
Conformity to RoHS Directive
Operating temperature range
–40 to +105°C
[Including self-temperature rise]
Storage temperature range
–40 to +105°C
150˚C
180˚C
255˚C
230˚C
Pre-heating
90 to 120s
40s max.
10s max.
Natural
cooling
Time(s)
150˚C
170˚C
260˚C max.
Pre-heating
60 to 120s
10s max.
Natural
cooling
Time(s)
Tip temperature
300 to 350°C
Heating time
3 seconds/soldering
Soldering rod specifications
Output: 30W Tip diameter: 1mm
NLC 453232 T-
2R2
K - PF
(1)
(2)
(3)
(4)
(5)
(6)
453232
4.5
×3.2×3.2mm (L×W×T)
T
Taping (reel)
1R0
1µH
100
10µH
101
100µH
K±10%
PF
Lead-free compatible product
Packaging style
Quantity
Taping
500 pieces/reel
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - NLCV32T-1R5M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV32T-1R5M TDK-NLCV32T-1R5M Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-1R5M TDK-NLCV32T-1R5M Datasheet
48Kb / 2P
   SMD Inductors For Power Line
NLCV32T-1R5M-EF TDK-NLCV32T-1R5M-EF Datasheet
214Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-1R5M-EFD TDK-NLCV32T-1R5M-EFD Datasheet
255Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV32T-1R5M-EFRD TDK-NLCV32T-1R5M-EFRD Datasheet
259Kb / 4P
   SMD / SMT Inductors (Coils)
More results

Similar Description - NLCV32T-1R5M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-151K-PF TDK-NLCV32T-151K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
MLZ2012E4R7MT TDK-MLZ2012E4R7MT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
ADL3225V TDK-ADL3225V Datasheet
177Kb / 9P
   Inductors for decoupling circuits
NLFC453232T TDK-NLFC453232T Datasheet
333Kb / 16P
   Inductors for Decoupling Circuits
NLCV25TR10MEFR TDK-NLCV25TR10MEFR Datasheet
378Kb / 10P
   Inductors for Decoupling Circuits
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com