Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL453232T-1R2J-PF Datasheet(PDF) 4 Page - TDK Electronics

Part # NL453232T-1R2J-PF
Description  Inductors for Standard Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL453232T-1R2J-PF Datasheet(HTML) 4 Page - TDK Electronics

  NL453232T-1R2J-PF Datasheet HTML 1Page - TDK Electronics NL453232T-1R2J-PF Datasheet HTML 2Page - TDK Electronics NL453232T-1R2J-PF Datasheet HTML 3Page - TDK Electronics NL453232T-1R2J-PF Datasheet HTML 4Page - TDK Electronics NL453232T-1R2J-PF Datasheet HTML 5Page - TDK Electronics NL453232T-1R2J-PF Datasheet HTML 6Page - TDK Electronics NL453232T-1R2J-PF Datasheet HTML 7Page - TDK Electronics NL453232T-1R2J-PF Datasheet HTML 8Page - TDK Electronics NL453232T-1R2J-PF Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
(3/12)
INDUC
T
O
RS
001-01 / 20130516 / e511_nl.fm
• All specifications are subject to change without notice.
Overview of the NL Series
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
90 to 120s
230°C
40s
255°C
10s max.
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - NL453232T-1R2J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NL453232T-1R2J-PF TDK-NL453232T-1R2J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-1R2J-PF TDK-NL453232T-1R2J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NL453232T-1R2J-PF TDK-NL453232T-1R2J-PF Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-1R2J-PF TDK-NL453232T-1R2J-PF Datasheet
164Kb / 3P
   Inductors (Coils)
More results

Similar Description - NL453232T-1R2J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-R18J-PF TDK-NLV25T-R18J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLFV25T-220K-PF TDK-NLFV25T-220K-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
MLF2012A2R2K TDK-MLF2012A2R2K Datasheet
123Kb / 10P
   Inductors for Standard Circuits
NLV25T-015J-PF TDK-NLV25T-015J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com