Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH100S48-3.3 Datasheet(PDF) 1 Page - TDK Electronics

Part # PH100S48-3.3
Description  Simple function, 50 to 600W DC-DC converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PH100S48-3.3 Datasheet(HTML) 1 Page - TDK Electronics

  PH100S48-3.3 Datasheet HTML 1Page - TDK Electronics PH100S48-3.3 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13
1-800-526-2324 • www.us.tdk-lambda.com/lp/
PH-S Series
Features
u High Density
u Wide Range Input
u Output adjustment Capability
u Remote On/Off
u Fixed Switching Frequency
u International Safety Approvals
u Low component count
Simple function, 50 to 600W DC-DC converters
Note: See Installation Manual for full details, test methods of parameters and application notes
Model
3.3V
5V
12V
15V
24V
28V
48V
Input range
VDC
24V nom: 18-36, 48V nom: 36-76V, 110V nom: 82-185V, 280V nom: 200-400V
Output Voltage Adj. Range
VDC
2.97~3.63
4.5~5.5
10.8~13.2
13.5~16.5
21.6~26.4
25.2~30.8
43.2~52.8
Line Regulation
-
0.4% or 20mV (whichever is greater) over entire input range with constant load
Load Regulation
-
0.8% or 40mV (whichever is greater) from no load to full load with constant input line
Ripple and Noise
pk-pk
100mV
150mV
240mV
280mV
480mV
Series Operation
-
Possible - Refer to installation manual
Over Voltage Protection
-
150 - 180%
125 - 145%
Overload Protection
-
Approximately 105 - 140%, automatic recovery
Remote On/Off
-
Low = ON, Open = OFF
Remote Sensing
-
PH100S, PH150S, PH300S, PH600S models
Parallel operation
-
PH300S & PH600S only: Requires external circuitry
Inverter Good signal
-
PH300S & PH600S only: Signal available for status of inverter
Thermal Protection
-
Internal sensing, self resetting
Cooling
-
Conduction or forced air. See application notes for cooling and heatsink selection
Operating Temperature Range
-
Baseplate temperature -20°C to +85°C (100°C on PH300 & PH600).
-
-40°C start up possible - consult factory
Storage Temperature
-
-40°C to +85°C (+100°C on PH300 & PH600)
Temperature Coefficient
-
0.02%/°C
Isolation
-
Input to output: 3000VAC, Input to Baseplate: 2500VAC(1)
Isolation Resistance
-
Output to Baseplate -100MOhm at 500VDC and 70%RH
Safety Agency Approval
-
UL60950-1, CSA60950-1, EN60950-1 and CE Mark.
Warranty
-
Two years
Specifications
Key Market Segments & Applications


Similar Part No. - PH100S48-3.3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PH100S48-3.3 ETC1-PH100S48-3.3 Datasheet
135Kb / 2P
   Simple function, 50 to 600W DC-DC converters
More results

Similar Description - PH100S48-3.3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PH150S4828 TDK-PH150S4828 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
logo
List of Unclassifed Man...
PH300S48 ETC1-PH300S48 Datasheet
135Kb / 2P
   Simple function, 50 to 600W DC-DC converters
logo
Vicor Corporation
COMPAC VICOR-COMPAC Datasheet
204Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
VI-LC1Z-EV VICOR-VI-LC1Z-EV Datasheet
205Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
VI-RU VICOR-VI-RU Datasheet
208Kb / 4P
   50 to 600W Autoranging AC-DC Switchers
MI-200 VICOR-MI-200 Datasheet
86Kb / 2P
   Military DC-DC Converters 50 to 100W
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
List of Unclassifed Man...
MI-220 ETC1-MI-220 Datasheet
92Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
PD65 TRUMPOWER-PD65 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com