Part Name
         Description
FJAF6810D

 NPN Triple Diffused Planar Silicon Transistor ( 5 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. B, August 2001
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Collector-Emitter Saturation Voltage
Figure 5. Base-Emitter On Voltage
Figure 6. Resistive Load Switching Time
0
2468
10
12
14
16
18
0
2
4
6
8
10
I
B=2.0A
I
B=1.0A
I
B=0.8A
I
B=0.6A
I
B=0.4A
I
B=0.2A
V
CE [V], COLLECTOR-EMITTER VOLTAGE
0.1
1
10
1
10
100
Ta = 25
o
C
Ta = - 25
o
C
Ta = 125
o
C
V
CE = 5V
I
C [A], COLLECTOR CURRENT
110
0.1
1
10
I
C = 5 IB
Ta = - 25
o
C
Ta = 25
o
C
Ta = 125
o
C
I
C [A], COLLECTOR CURRENT
110
0.1
1
10
I
C = 3 IB
Ta = - 25
o
C
Ta = 25
o
C
Ta = 125
o
C
I
C [A], COLLECTOR CURRENT
0.0
0.3
0.6
0.9
1.2
1.5
0
2
4
6
8
10
12
14
16
18
20
Ta = 25
o
C
Ta = - 25
o
C
Ta = 125
o
C
V
BE [V], BASE-EMITTER VOLTAGE
110
0.01
0.1
1
10
I
B1 = 1.2A, IC = 6A
V
CC = 200V
t
STG
t
F
I
B2 [A], REVERSE BASE CURRENT
1  2  3  4  5 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SA2063PNP Epitaxial Planar Silicon Transistor NPN Triple Diffused Planar Silicon Transistor 1 2 3 4 Sanyo Semicon Device
2SD1396NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR HORIZONTAL OUTPUT BUILT-IN DAMPER DIODE 1 Sanyo Semicon Device
2SC4937Triple Diffused Planar NPN Silicon Transistor Swiching Regulator High Speed DC-DC Converter 1 2 Rohm
TT2202NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications 1 2 3 4 Sanyo Semicon Device
FJAF6806DNPN Triple Diffused Planar Silicon Transistor 1 2 3 4 5 Fairchild Semiconductor
2SD1399NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR HORIZONTAL OUTPUT BUILT-IN DAMPER DIODE 1 Sanyo Semicon Device
FJAF6808DNPN Triple Diffused Planar Silicon Transistor 1 2 3 4 5 Fairchild Semiconductor
2SD1400NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR CTV HORIZONTAL DEFLECTION OUTPUT 1 Sanyo Semicon Device
2SC3043NPN Triple Diffused Planar Type Silicon Transistor 1 List of Unclassifed Manufacturers
FJAF6810NPN Triple Diffused Planar Silicon Transistor 1 2 3 4 5 Fairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl