Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM3012T-4R7M Datasheet(PDF) 7 Page - TDK Electronics

Part # SPM3012T-4R7M
Description  Inductors for Power Circuits Wound Metallic Magnetic Material
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM3012T-4R7M Datasheet(HTML) 7 Page - TDK Electronics

Back Button SPM3012T-4R7M Datasheet HTML 3Page - TDK Electronics SPM3012T-4R7M Datasheet HTML 4Page - TDK Electronics SPM3012T-4R7M Datasheet HTML 5Page - TDK Electronics SPM3012T-4R7M Datasheet HTML 6Page - TDK Electronics SPM3012T-4R7M Datasheet HTML 7Page - TDK Electronics SPM3012T-4R7M Datasheet HTML 8Page - TDK Electronics SPM3012T-4R7M Datasheet HTML 9Page - TDK Electronics SPM3012T-4R7M Datasheet HTML 10Page - TDK Electronics SPM3012T-4R7M Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
(6/24)
INDUC
T
O
RS
001-01 / 20130527 / e531_spm.fm
• All specifications are subject to change without notice.
SPM series 
SPM3012 Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.0
5.0
10.0
15.0
20.0
25.0
10
100
1000
10000
100000
Frequency(kHz)
4R7M
3R3N
2R2N
1R5N
1R0N
Product No.
Manufacturer
4294A
Agilent Technologies


Similar Part No. - SPM3012T-4R7M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM3012T-4R7M TDK-SPM3012T-4R7M Datasheet
104Kb / 9P
   Inductors for Power Circuits Wound Metallic Magnetic Material
SPM3012T-4R7M-LR TDK-SPM3012T-4R7M-LR Datasheet
130Kb / 9P
   Inductors for Power Circuits
More results

Similar Description - SPM3012T-4R7M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM3012T-1R0M TDK-SPM3012T-1R0M_16 Datasheet
104Kb / 9P
   Inductors for Power Circuits Wound Metallic Magnetic Material
SPM3012 TDK-SPM3012 Datasheet
3Mb / 25P
   Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
TFM201610GHM TDK-TFM201610GHM Datasheet
173Kb / 4P
   Inductors for power circuits Thin-film metal magnetic material
20211111
TFM201610ALM TDK-TFM201610ALM Datasheet
173Kb / 4P
   Inductors for power circuits Thin-film metal magnetic material
20211111
TFM160808ALC TDK-TFM160808ALC Datasheet
170Kb / 4P
   Inductors for power circuits Thin-film metal magnetic material
20211102
TFM252012ALMA TDK-TFM252012ALMA Datasheet
183Kb / 4P
   Inductors for power circuits Thin-film metal magnetic material
20200823
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com